Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet (PDF) - Renesas Technology Corp

AT25DF256 Datasheet PDF - Renesas Technology Corp
Part # AT25DF256
Download  AT25DF256 Download
File Size   2578.11 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support

AT25DF256 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25DF256 Datasheet PDF - Renesas Technology Corp

Part # AT25DF256
Download  AT25DF256 Click to download

File Size   2578.11 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support

AT25DF256 Datasheet (HTML) - Renesas Technology Corp


AT25DF256 Product details

Features
 Single 1.65V - 3.6V Supply
 Serial Peripheral Interface (SPI) Compatible
 Supports SPI Modes 0 and 3
 Supports Dual Output Read
 104MHz Maximum Operating Frequency
 Clock-to-Output (tV) of 6 ns
 Flexible, Optimized Erase Architecture for Code + Data Storage Applications
 Small (256-Byte) Page Erase
 Uniform 4-Kbyte Block Erase
 Uniform 32-Kbyte Block Erase
 Full Chip Erase
 Hardware Controlled Locking of Protected Sectors via WP Pin
 128-byte, One-Time Programmable (OTP) Security Register
 64 bytes factory programmed with a unique identifier
 64 bytes user programmable
 Flexible Programming
 Byte/Page Program (1 to 256 Bytes)
 Fast Program and Erase Times
 1.5ms Typical Page Program (256 Bytes) Time
 50ms Typical 4-Kbyte Block Erase Time
 350ms Typical 32-Kbyte Block Erase Time
 Automatic Checking and Reporting of Erase/Program Failures
 Software Controlled Reset
 JEDEC Standard Manufacturer and Device ID Read Methodology
 Low Power Dissipation
 200nA Ultra Deep Power Down current (Typical)
 5µA Deep Power-Down Current (Typical)
 25uA Standby current (Typical)
 4.5mA Active Read Current (Typical)
 Endurance: 100,000 Program/Erase Cycles
 Data Retention: 20 Years
 Temperature Range:-10°C to +85°C (1.65V to 3.6V), -40°C to +85° (1.7V to 3.6V)
 Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
 8-lead SOIC (150-mil)
 8-pad Ultra Thin DFN (2 x 3 x 0.6 mm)
 8-lead TSSOP Package

Description
The Adesto® AT25DF256 is a serial interface Flash memory device designed for use in a wide variety of high-volume consumer
based applications in which program code is shadowed from Flash memory into embedded or external RAM for execution. The
flexible erase architecture of the AT25DF256, with its page erase granularity it is ideal for data storage as well, eliminating the
need for additional data storage devices.
The erase block sizes of the AT25DF256 have been optimized to meet the needs of today's code and data storage applications.
By optimizing the size of the erase blocks, the memory space can be used much more efficiently. Because certain code modules
and data storage segments must reside by themselves in their own erase regions, the wasted and unused memory space that
occurs with large sectored and large block erase Flash memory devices can be greatly reduced. This increased memory space
efficiency allows additional code routines and data storage segments to be added while still maintaining the same overall device
density.
The device also contains a specialized OTP (One-Time Programmable) Security Register that can be used for purposes such as
unique device serialization, system-level Electronic Serial Number (ESN) storage, locked key storage, etc.
Specifically designed for use in many different systems, the AT25DF256 supports read, program, and erase operations with a
wide supply voltage range of 1.65V to 3.6V. No separate voltage is required for programming and erasing.




Similar Part No. - AT25DF256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DF256 ETC2-AT25DF256 Datasheet
437Kb / 7P
Bios Flash Product Family
logo
Dialog Semiconductor
AT25DF256 DIALOG-AT25DF256 Datasheet
1Mb / 43P
256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25DF256 RENESAS-AT25DF256 Datasheet
1Mb / 47P
256-Kbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
2024-01-08
logo
Dialog Semiconductor
AT25DF256-MAHN-T DIALOG-AT25DF256-MAHN-T Datasheet
1Mb / 43P
256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25DF256-MAHN-T RENESAS-AT25DF256-MAHN-T Datasheet
1Mb / 47P
256-Kbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
2024-01-08
More results


Similar Description - AT25DF256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DN256 ETC2-AT25DN256 Datasheet
1Mb / 39P
256-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Dialog Semiconductor
AT25DF256 DIALOG-AT25DF256 Datasheet
1Mb / 43P
256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25DF512C DIALOG-AT25DF512C Datasheet
1Mb / 43P
512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25DN256 DIALOG-AT25DN256 Datasheet
1Mb / 40P
256-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25XE011 DIALOG-AT25XE011 Datasheet
1Mb / 42P
1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25XE512C DIALOG-AT25XE512C Datasheet
1Mb / 42P
512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25DF011 RENESAS-AT25DF011 Datasheet
3Mb / 39P
1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
3/2022
AT25DF512C RENESAS-AT25DF512C Datasheet
2Mb / 42P
512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
AT25DN256 RENESAS-AT25DN256 Datasheet
2Mb / 39P
256-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
AT25XE512C RENESAS-AT25XE512C Datasheet
2Mb / 41P
512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com