Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25EU0021A Datasheet (PDF) - Renesas Technology Corp

AT25EU0021A Datasheet PDF - Renesas Technology Corp
Part # AT25EU0021A
Download  AT25EU0021A Download
File Size   2264.14 Kbytes
Page   58 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Mbit, Ultra-Low Energy Serial Flash Memory

AT25EU0021A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25EU0021A Datasheet PDF - Renesas Technology Corp

Part # AT25EU0021A
Download  AT25EU0021A Click to download

File Size   2264.14 Kbytes
Page   58 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Mbit, Ultra-Low Energy Serial Flash Memory

AT25EU0021A Datasheet (HTML) - Renesas Technology Corp


AT25EU0021A Product details

Features
▪ Voltage Range: 1.65 V – 3.6 V
▪ 2-Mbit Flash Memory
▪ Serial Peripheral Interface (SPI) compatible
• Supports SPI modes 0 and 3
• Supports single input/output operations (1,1,1)
• Supports dual input and dual output operations (1,1,2), (1,2,2), (0,2,2)
• Supports quad input and quad output operations (1,1,4), (1,4,4), (0,4,4)
▪ 85 MHz Maximum Operating Frequency
▪ Program
• Serial-input Page Program up to 256 bytes
• Program Suspend and Resume
▪ Erase
• Page erase (256-byte)
• Block erase (4/32/64 kbyte)
• Full Chip erase
• Erase Suspend and Resume
▪ Program/Erase Speed
• Page Program time: 2 ms typical
• Page Erase time: 8 ms typical
• Block Erase time: 8 ms typical
• Chip Erase time: 8 ms typical
▪ Flexible Architecture: 4/32/64 kbyte blocks
▪ Hardware Reset (HOLD / RESET pin)
▪ Software-controlled Reset
▪ Software/Hardware Write Protection
• 3x512-Byte Security Registers with OTP Lock
• Enable/Disable protection with WP Pin
• Write protect all/portion of memory via software protect
• Top or Bottom Block selection
▪ Low Power Consumption
• 1.2 mA active read current (typical)
• 100 nA deep power-down (DPD) current (typical)
▪ Temperature Range: -40 °C to +85 °C
▪ Cycling Endurance/Data Retention
• 10k program and erase cycles
• Typical 20-year data retention
▪ Industry standard green (Pb/Halide-free/RoHS Compliant) Package Options
• 8-lead SOIC (150-mil)
• 8-pad 2 x 3 x 0.6 mm UDFN




Similar Part No. - AT25EU0021A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25EU0021A DIALOG-AT25EU0021A Datasheet
991Kb / 62P
2-Mbit, Ultra-Low Energy Serial Flash Memory
logo
Renesas Technology Corp
AT25EU0021A RENESAS-AT25EU0021A Datasheet
2Mb / 62P
2-Mbit, Ultra-Low Energy Serial Flash Memory
Jul 21, 2025
logo
Dialog Semiconductor
AT25EU0021A-MAHN-T DIALOG-AT25EU0021A-MAHN-T Datasheet
991Kb / 62P
2-Mbit, Ultra-Low Energy Serial Flash Memory
logo
Renesas Technology Corp
AT25EU0021A-MAHN-T RENESAS-AT25EU0021A-MAHN-T Datasheet
2Mb / 62P
2-Mbit, Ultra-Low Energy Serial Flash Memory
Jul 21, 2025
AT25EU0021A-MAUN-T RENESAS-AT25EU0021A-MAUN-T Datasheet
2Mb / 62P
2-Mbit, Ultra-Low Energy Serial Flash Memory
Jul 21, 2025
More results


Similar Description - AT25EU0021A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F20 EON-EN25F20 Datasheet
394Kb / 31P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25P20 EON-EN25P20 Datasheet
388Kb / 32P
2 Mbit Uniform Sector, Serial Flash Memory
logo
List of Unclassifed Man...
IS25CD010 ETC2-IS25CD010 Datasheet
912Kb / 40P
512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory
logo
Integrated Silicon Solu...
IS25WD020 ISSI-IS25WD020 Datasheet
764Kb / 35P
2 Mbit / 4 Mbit Single Operating Voltage Serial Flash Memory
logo
Dialog Semiconductor
AT25EU0011A DIALOG-AT25EU0011A Datasheet
1Mb / 62P
1-Mbit, Ultra-Low Energy Serial Flash Memory
AT25EU0021A DIALOG-AT25EU0021A Datasheet
991Kb / 62P
2-Mbit, Ultra-Low Energy Serial Flash Memory
AT25PE20 DIALOG-AT25PE20 Datasheet
1Mb / 64P
2-Mbit DataFlash-L Page Erase Serial Flash Memory
logo
Renesas Technology Corp
AT25EU0011A RENESAS-AT25EU0011A Datasheet
2Mb / 58P
1-Mbit, Ultra-Low Energy Serial Flash Memory
May 19, 2022
AT25EU0041A RENESAS-AT25EU0041A Datasheet
2Mb / 61P
4-Mbit, Ultra-Low Energy Serial Flash Memory
Aug 31, 2022
AT25PE20 RENESAS-AT25PE20 Datasheet
2Mb / 63P
2-Mbit DataFlash-L Page Erase Serial Flash Memory
2/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com