Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QF641B Datasheet (PDF) - Renesas Technology Corp

AT25QF641B Datasheet PDF - Renesas Technology Corp
Part # AT25QF641B
Download  AT25QF641B Download
File Size   2061.61 Kbytes
Page   58 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support

AT25QF641B Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25QF641B Datasheet PDF - Renesas Technology Corp

Part # AT25QF641B
Download  AT25QF641B Click to download

File Size   2061.61 Kbytes
Page   58 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support

AT25QF641B Datasheet (HTML) - Renesas Technology Corp


AT25QF641B Product details

Features
▪ Serial Peripheral Interface (SPI) Compatible
• Supports SPI modes 0 and 3 (1,1,1)
• Supports dual input and dual output operation (1,1,2)
• Supports quad input and quad output operation (1,1,4)
• Supports quad XiP (continuous read mode) operation (1,4,4 and 0,4,4)
▪ Default Operating Mode is SPI Quad I/O
▪ 64-Mbit (16 x 4 Mbit) Flash Memory
▪ 104 MHz Maximum Operating Frequency
▪ Single 2.7 V - 3.6 V Single Supply Voltage
▪ Serial Flash Discoverable Parameters (SFDP, JDES216B) support
▪ OTP Memory
• Three Protected Programmable Security Register Pages (Page size: 256 bytes)
• 64-bit factory programmable UID register
▪ Hardware Write Protection (WP pin)
▪ Software Write protection (Programmable non-volatile control registers)
▪ Program and Erase Suspend and Resume
▪ Byte programming size: up to 256 bytes
▪ Erase Size and Duration
• Uniform 4-kbyte Block Erase (65 ms typical)
• Uniform 32-kbyte Block Erase (150 ms typical)
• Uniform 64-kbyte Block Erase (240 ms typical)
• Full Chip Erase (30 seconds typical)
▪ Low-Power Dissipation
• Standby Current (14 µA typical)
• Deep Power-Down Current (1 µA typical)
▪ Endurance: 100,000 Program and Erase Cycles
▪ Data Retention: 20 Years
▪ Industrial Temperature Range (-40 oC to 85 oC)
▪ Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
• 8-lead W-SOIC (0.208”)
• 8-pad Ultra-Thin DFN (5 x 6 x 0.6 mm)
• Die Wafer Form
• Other Package Options (contact Renesas Electronics)




Similar Part No. - AT25QF641B

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25QF641B DIALOG-AT25QF641B Datasheet
1Mb / 58P
64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Renesas Technology Corp
AT25QF641B RENESAS-AT25QF641B Datasheet
2Mb / 60P
64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2024-02-20
logo
Dialog Semiconductor
AT25QF641B-DWF DIALOG-AT25QF641B-DWF Datasheet
1Mb / 58P
64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Renesas Technology Corp
AT25QF641B-DWF RENESAS-AT25QF641B-DWF Datasheet
2Mb / 60P
64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2024-02-20
logo
Dialog Semiconductor
AT25QF641B-MHB-T DIALOG-AT25QF641B-MHB-T Datasheet
1Mb / 58P
64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
More results


Similar Description - AT25QF641B

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25QF641B DIALOG-AT25QF641B Datasheet
1Mb / 58P
64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF041B DIALOG-AT25SF041B Datasheet
1Mb / 64P
4-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF081B DIALOG-AT25SF081B Datasheet
1Mb / 61P
8-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF161B DIALOG-AT25SF161B Datasheet
1Mb / 64P
16-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
AT25SF321B DIALOG-AT25SF321B Datasheet
1Mb / 61P
32-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF641B DIALOG-AT25SF641B Datasheet
1Mb / 59P
64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SL641 DIALOG-AT25SL641 Datasheet
5Mb / 76P
64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
logo
Renesas Technology Corp
AT25SF161B RENESAS-AT25SF161B Datasheet
1Mb / 61P
16-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
Jun 3, 2022
AT25SF321B RENESAS-AT25SF321B Datasheet
2Mb / 63P
32-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-06-03
AT25SF641B RENESAS-AT25SF641B Datasheet
1Mb / 60P
64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-06-03
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com