Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF041 Datasheet (PDF) - Renesas Technology Corp

AT25SF041 Datasheet PDF - Renesas Technology Corp
Part # AT25SF041
Download  AT25SF041 Download
File Size   3623.62 Kbytes
Page   49 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support

AT25SF041 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25SF041 Datasheet PDF - Renesas Technology Corp

Part # AT25SF041
Download  AT25SF041 Click to download

File Size   3623.62 Kbytes
Page   49 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support

AT25SF041 Datasheet (HTML) - Renesas Technology Corp


AT25SF041 Product details

Features
 Single 2.5V - 3.6V Supply
 Serial Peripheral Interface (SPI) Compatible
 Supports SPI Modes 0 and 3
 Supports Dual and Quad Output Read
 104MHz Maximum Operating Frequency
 Clock-to-Output (tV) of 6 ns
 Flexible, Optimized Erase Architecture for Code + Data Storage Applications
 Uniform 4-Kbyte Block Erase
 Uniform 32-Kbyte Block Erase
 Uniform 64-Kbyte Block Erase
 Full Chip Erase
 Hardware Controlled Locking of Protected Blocks via WP Pin
 3 Protected Programmable Security Register Pages
 Flexible Programming
 Byte/Page Program (1 to 256 Bytes)
 Fast Program and Erase Times
 0.7ms Typical Page Program (256 Bytes) Time
 70ms Typical 4-Kbyte Block Erase Time
 300ms Typical 32-Kbyte Block Erase Time
 600ms Typical 64-Kbyte Block Erase Time
 JEDEC Standard Manufacturer and Device ID Read Methodology
 Low Power Dissipation
 2µA Deep Power-Down Current (Typical)
 10µA Standby current (Typical)
 4mA Active Read Current (Typical)
 Endurance: 100,000 Program/Erase Cycles
 Data Retention: 20 Years
 Complies with Full Industrial Temperature Range
 Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
 8-lead SOIC (150-mil and 208-mil)
 8-pad Ultra Thin DFN (5 x 6 x 0.6 mm and 2 x 3 x 0.6 mm)
 8-lead TSSOP (4 x 4 mm)
 Die in Wafer Form

Description
The Adesto® AT25SF041 is a serial interface Flash memory device designed for use in a wide variety of high-volume
consumer based applications in which program code is shadowed from Flash memory into embedded or external RAM
for execution. The flexible erase architecture of the AT25SF041 is ideal for data storage as well, eliminating the need for
additional data storage devices.
The erase block sizes of the AT25SF041 have been optimized to meet the needs of today's code and data storage
applications. By optimizing the size of the erase blocks, the memory space can be used much more efficiently. Because
certain code modules and data storage segments must reside by themselves in their own erase regions, the wasted and
unused memory space that occurs with large block erase Flash memory devices can be greatly reduced. This increased
memory space efficiency allows additional code routines and data storage segments to be added while still maintaining
the same overall device density.
The device also contains three pages of Security Register that can be used for purposes such as unique device
serialization, system-level Electronic Serial Number (ESN) storage, locked key storage, etc. These Security Register
pages can be individually locked.




Similar Part No. - AT25SF041

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25SF041 ETC2-AT25SF041 Datasheet
2Mb / 46P
4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Dialog Semiconductor
AT25SF041 DIALOG-AT25SF041 Datasheet
485Kb / 4P
4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Adesto Technologies
AT25SF041 ADESTO-AT25SF041 Datasheet
1Mb / 47P
4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
April 2016
AT25SF041-DWF ADESTO-AT25SF041-DWF Datasheet
1Mb / 47P
4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
April 2016
logo
Dialog Semiconductor
AT25SF041-DWFHT DIALOG-AT25SF041-DWFHT Datasheet
485Kb / 4P
4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
More results


Similar Description - AT25SF041

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DQ161 ETC2-AT25DQ161_13 Datasheet
2Mb / 65P
Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF041 ETC2-AT25SF041 Datasheet
2Mb / 46P
4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF081 ETC2-AT25SF081 Datasheet
2Mb / 47P
8-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
AT25SF161 ETC1-AT25SF161 Datasheet
3Mb / 49P
16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
logo
Dialog Semiconductor
AT25SF041 DIALOG-AT25SF041 Datasheet
485Kb / 4P
4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF041B DIALOG-AT25SF041B Datasheet
1Mb / 64P
4-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF161 DIALOG-AT25SF161 Datasheet
484Kb / 4P
16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF321 DIALOG-AT25SF321 Datasheet
1Mb / 48P
32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
logo
List of Unclassifed Man...
AT25SF161 ETC-AT25SF161 Datasheet
3Mb / 49P
16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
logo
Renesas Technology Corp
AT25SF321 RENESAS-AT25SF321 Datasheet
3Mb / 49P
32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
8/2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com