Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

49FCT805 Datasheet (PDF) - Renesas Technology Corp

49FCT805 Datasheet PDF - Renesas Technology Corp
Part # 49FCT805
Download  49FCT805 Download
File Size   229.01 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS BUFFER/CLOCK DRIVER

49FCT805 Datasheet (PDF)

Go To PDF Page Download Datasheet
49FCT805 Datasheet PDF - Renesas Technology Corp

Part # 49FCT805
Download  49FCT805 Click to download

File Size   229.01 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS BUFFER/CLOCK DRIVER

49FCT805 Datasheet (HTML) - Renesas Technology Corp


49FCT805 Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• Guaranteed low skew < 700ps (max.)
• Low duty cycle distortion < 1ns (max.)
• Low CMOS power levels
• TTL compatible inputs and outputs
• Rail-to-rail output voltage swing
• High drive: -24mA IOH, +64mA IOL
• Two independent output banks with 3-state control
• 1:5 fanout per bank
• "Heartbeat" monitor output
• Available in SSOP and SOIC packages




Similar Part No. - 49FCT805

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
49FCT805 IDT-49FCT805 Datasheet
126Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
49FCT805 IDT-49FCT805 Datasheet
125Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
49FCT805APYGPYGBLANK IDT-49FCT805APYGPYGBLANK Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
49FCT805APYGPYGI IDT-49FCT805APYGPYGI Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
49FCT805APYGSOGBLANK IDT-49FCT805APYGSOGBLANK Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
More results


Similar Description - 49FCT805

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805 Datasheet
126Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805CT IDT-IDT49FCT805CT Datasheet
71Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806 IDT-IDT49FCT806_09 Datasheet
74Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
74FCT810T RENESAS-74FCT810T Datasheet
224Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com