Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT49FCT805A Datasheet (PDF) - Renesas Technology Corp

IDT49FCT805A Datasheet PDF - Renesas Technology Corp
Part # IDT49FCT805A
Download  IDT49FCT805A Download
File Size   229.01 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS BUFFER/CLOCK DRIVER

IDT49FCT805A Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT49FCT805A Datasheet PDF - Renesas Technology Corp

Part # IDT49FCT805A
Download  IDT49FCT805A Click to download

File Size   229.01 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS BUFFER/CLOCK DRIVER

IDT49FCT805A Datasheet (HTML) - Renesas Technology Corp


IDT49FCT805A Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• Guaranteed low skew < 700ps (max.)
• Low duty cycle distortion < 1ns (max.)
• Low CMOS power levels
• TTL compatible inputs and outputs
• Rail-to-rail output voltage swing
• High drive: -24mA IOH, +64mA IOL
• Two independent output banks with 3-state control
• 1:5 fanout per bank
• "Heartbeat" monitor output
• Available in SSOP and SOIC packages




Similar Part No. - IDT49FCT805A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805A IDT-IDT49FCT805A Datasheet
126Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805AD IDT-IDT49FCT805AD Datasheet
126Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805ADB IDT-IDT49FCT805ADB Datasheet
126Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805AE IDT-IDT49FCT805AE Datasheet
126Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805AEB IDT-IDT49FCT805AEB Datasheet
126Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
More results


Similar Description - IDT49FCT805A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805 Datasheet
126Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805CT IDT-IDT49FCT805CT Datasheet
71Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806 IDT-IDT49FCT806_09 Datasheet
74Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
74FCT810T RENESAS-74FCT810T Datasheet
224Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com