Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70V08 Datasheet (PDF) - Renesas Technology Corp

70V08 Datasheet PDF - Renesas Technology Corp
Part # 70V08
Download  70V08 Download
File Size   363.26 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM

70V08 Datasheet (PDF)

Go To PDF Page Download Datasheet
70V08 Datasheet PDF - Renesas Technology Corp

Part # 70V08
Download  70V08 Click to download

File Size   363.26 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM

70V08 Datasheet (HTML) - Renesas Technology Corp


70V08 Product details

Features
◆ True Dual-Ported memory cells which allow simultaneous
access of the same memory location
◆ High-speed access
– Commercial: 15ns (max.)
– Industrial: 20ns (max.)
◆ Low-power operation
– IDT70V08L
Active: 550mW (typ.)
Standby: 1mW (typ.)
◆ Dual chip enables allow for depth expansion without
external logic
◆ IDT70V08 easily expands data bus width to 16 bits or
more using the Master/Slave select when cascading more
than one device
◆ M/S = VIH for BUSY output flag on Master,
M/S = VIL for BUSY input on Slave
◆ Busy and Interrupt Flags
◆ On-chip port arbitration logic
◆ Full on-chip hardware support of semaphore signaling
between ports
◆ Fully asynchronous operation from either port
◆ LVTTL-compatible, single 3.3V (±0.3V) power supply
◆ Available in a 100-pin TQFP
◆ Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - 70V08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V08L15PFG IDT-70V08L15PFG Datasheet
662Kb / 21P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
70V08L15PFG IDT-70V08L15PFG Datasheet
198Kb / 21P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
70V08L15PFG8 IDT-70V08L15PFG8 Datasheet
662Kb / 21P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
70V08L15PFG8 IDT-70V08L15PFG8 Datasheet
198Kb / 21P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
70V08L15PFGI IDT-70V08L15PFGI Datasheet
662Kb / 21P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
More results


Similar Description - 70V08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S Datasheet
163Kb / 20P
HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L Datasheet
152Kb / 17P
HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
IDT70V18L IDT-IDT70V18L Datasheet
146Kb / 17P
HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L_15 Datasheet
655Kb / 17P
HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com