Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70V18 Datasheet (PDF) - Renesas Technology Corp

70V18 Datasheet PDF - Renesas Technology Corp
Part # 70V18
Download  70V18 Download
File Size   342.0 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM

70V18 Datasheet (PDF)

Go To PDF Page Download Datasheet
70V18 Datasheet PDF - Renesas Technology Corp

Part # 70V18
Download  70V18 Click to download

File Size   342.0 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM

70V18 Datasheet (HTML) - Renesas Technology Corp


70V18 Product details

Features
◆ True Dual-Ported memory cells which allow simultaneous
access of the same memory location
◆ High-speed access
– Commercial: 15/20ns (max.)
– Industrial: 20ns (max.)
◆ Low-power operation
– IDT70V18L
Active: 440mW (typ.)
Standby: 660μW (typ.)
◆ Dual chip enables allow for depth expansion without
external logic
◆ Busy and Interrupt Flags
◆ On-chip port arbitration logic




Similar Part No. - 70V18

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V18L15PFG IDT-70V18L15PFG Datasheet
641Kb / 18P
HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
70V18L15PFG8 IDT-70V18L15PFG8 Datasheet
641Kb / 18P
HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
70V18L15PFGI IDT-70V18L15PFGI Datasheet
641Kb / 18P
HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
70V18L15PFGI8 IDT-70V18L15PFGI8 Datasheet
641Kb / 18P
HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
70V18L20PFG IDT-70V18L20PFG Datasheet
641Kb / 18P
HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
More results


Similar Description - 70V18

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V28L IDT-IDT70V28L Datasheet
152Kb / 17P
HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
IDT70V18L IDT-IDT70V18L Datasheet
146Kb / 17P
HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT7018L IDT-IDT7018L Datasheet
142Kb / 17P
HIGH-SPEED 64K x 9 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L_15 Datasheet
655Kb / 17P
HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT70V18L IDT-IDT70V18L_15 Datasheet
641Kb / 18P
HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L_17 Datasheet
194Kb / 17P
HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V28 RENESAS-70V28 Datasheet
461Kb / 19P
HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
JUNE 2019
70V38 RENESAS-70V38 Datasheet
416Kb / 19P
HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
JUNE 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com