Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70V3379 Datasheet (PDF) - Renesas Technology Corp

70V3379 Datasheet PDF - Renesas Technology Corp
Part # 70V3379
Download  70V3379 Download
File Size   466.46 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE

70V3379 Datasheet (PDF)

Go To PDF Page Download Datasheet
70V3379 Datasheet PDF - Renesas Technology Corp

Part # 70V3379
Download  70V3379 Click to download

File Size   466.46 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE

70V3379 Datasheet (HTML) - Renesas Technology Corp


70V3379 Product details

Features:
◆ True Dual-Port memory cells which allow simultaneous
access of the same memory location
◆ High-speed clock to data access
– Commercial: 4.2/5/6ns (max.)
– Industrial: 5ns (max)
◆ Pipelined output mode
◆ Counter enable and reset features
◆ Dual chip enables allow for depth expansion without
additional logic
◆ Full synchronous operation on both ports
– 7.5ns cycle time, 133MHz operation (9.6 Gbps bandwidth)
– Fast 4.2ns clock to data out
– 1.8ns setup to clock and 0.7ns hold on all control, data, and
address inputs @ 133MHz
– Data input, address, byte enable and control registers
– Self-timed write allows fast cycle time
◆ Separate byte controls for multiplexed bus and bus
matching compatibility
◆ LVTTL- compatible, single 3.3V (±150mV) power supply for
core
◆ LVTTL- compatible, selectable 3.3V (±150mV)/2.5V (±125mV)
power supply for I/Os and control signals on each port
◆ Industrial temperature range (-40°C to +85°C) is
available for selected speeds
◆ Available in a 128-pin Thin Quad Plastic Flatpack (TQFP)
and 208-pin fine pitch Ball Grid Array, and 256-pin
Ball Grid Array
◆ Green parts available, see ordering information




Similar Part No. - 70V3379

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V3379S4BCG IDT-70V3379S4BCG Datasheet
729Kb / 17P
HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
70V3379S4BCG IDT-70V3379S4BCG Datasheet
197Kb / 17P
HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
70V3379S4BCG8 IDT-70V3379S4BCG8 Datasheet
729Kb / 17P
HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
70V3379S4BCG8 IDT-70V3379S4BCG8 Datasheet
197Kb / 17P
HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
70V3379S4BCGI IDT-70V3379S4BCGI Datasheet
729Kb / 17P
HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Similar Description - 70V3379

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V3569 IDT-IDT70V3569 Datasheet
187Kb / 16P
HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V3579S IDT-IDT70V3579S Datasheet
187Kb / 16P
HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V3379S IDT-IDT70V3379S Datasheet
186Kb / 17P
HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V3389S IDT-IDT70V3389S Datasheet
176Kb / 17P
HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V3389 RENESAS-70V3389 Datasheet
466Kb / 18P
HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
JULY 2019
70V3569 RENESAS-70V3569 Datasheet
481Kb / 18P
HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
AUGUST 2019
70V3579 RENESAS-70V3579 Datasheet
506Kb / 18P
HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
AUGUST 2019
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com