Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71V2546S Datasheet (PDF) - Renesas Technology Corp

71V2546S Datasheet PDF - Renesas Technology Corp
Part # 71V2546S
Download  71V2546S Download
File Size   279.06 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs

71V2546S Datasheet (PDF)

Go To PDF Page Download Datasheet
71V2546S Datasheet PDF - Renesas Technology Corp

Part # 71V2546S
Download  71V2546S Click to download

File Size   279.06 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs

71V2546S Datasheet (HTML) - Renesas Technology Corp


71V2546S Product details

Features
◆ 128K x 36 memory configurations
◆ Supports high performance system speed - 150 MHz
(3.8 ns Clock-to-Data Access)
◆ ZBTTM Feature - No dead cycles between write and read
cycles
◆ Internally synchronized output buffer enable eliminates the
need to control OE
◆ Single R/W (READ/WRITE) control pin
◆ Positive clock-edge triggered address, data, and control
signal registers for fully pipelined applications
◆ 4-word burst capability (interleaved or linear)
◆ Individual byte write (BW1 - BW4) control (May tie active)
◆ Three chip enables for simple depth expansion
◆ 3.3V power supply (±5%), 2.5V I/O Supply (VDDQ)
◆ Packaged in a JEDEC standard 100-pin plastic thin quad
flatpack (TQFP) and 119 ball grid array (BGA)
◆ Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - 71V2546S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V2546S100BGG IDT-71V2546S100BGG Datasheet
733Kb / 21P
3.3V Synchronous ZBT SRAM
71V2546S100BGG8 IDT-71V2546S100BGG8 Datasheet
733Kb / 21P
3.3V Synchronous ZBT SRAM
71V2546S100BGGI IDT-71V2546S100BGGI Datasheet
733Kb / 21P
3.3V Synchronous ZBT SRAM
71V2546S100BGGI8 IDT-71V2546S100BGGI8 Datasheet
733Kb / 21P
3.3V Synchronous ZBT SRAM
71V2546S100PFG IDT-71V2546S100PFG Datasheet
733Kb / 21P
3.3V Synchronous ZBT SRAM
More results


Similar Description - 71V2546S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V546 IDT-IDT71V546 Datasheet
178Kb / 20P
128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V2546S IDT-IDT71V2546S Datasheet
1,004Kb / 28P
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2556S IDT-IDT71V2556S Datasheet
1,019Kb / 28P
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V3548S IDT-IDT71V3548S Datasheet
490Kb / 26P
256K x 18 3.3V Synchronous ZBT SRAM 3.3V I/O, Burst Counter Pipelined Outputs
71V546S133PFG IDT-71V546S133PFG Datasheet
1,003Kb / 21P
128K x 36, 3.3V Synchronous SRAM with ZBT??Feature, Burst Counter and Pipelined Outputs
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V2556S RENESAS-71V2556S Datasheet
298Kb / 25P
128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
IDT71V546S RENESAS-IDT71V546S Datasheet
450Kb / 22P
128K x 36, 3.3V Synchronous SRAM with ZBT™ Feature Burst Counter and Pipelined Outputs
AUGUST 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com