Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71V632 Datasheet (PDF) - Renesas Technology Corp

71V632 Datasheet PDF - Renesas Technology Corp
Part # 71V632
Download  71V632 Download
File Size   268.92 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect

71V632 Datasheet (PDF)

Go To PDF Page Download Datasheet
71V632 Datasheet PDF - Renesas Technology Corp

Part # 71V632
Download  71V632 Click to download

File Size   268.92 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect

71V632 Datasheet (HTML) - Renesas Technology Corp


71V632 Product details

Features
◆ 64K x 32 memory configuration
◆ Supports high system speed:
Commercial and Industrial:
– 5 5ns clock access time (100 MHz)
– 6 6ns clock access time (83 MHz)
– 7 7ns clock access time (66 MHz)
◆ Single-cycle deselect functionality
◆ LBO input selects interleaved or linear burst mo◆ Self-timed write cycle with global write control (GW), byte
write enable (BWE), and byte writes (BWx)
◆ Power down controlled by ZZ input
◆ Operates with a single 3.3V power supply (+10/-5%)
◆ Packaged in a JEDEC Standard 100-pin rectangular plastic
thin quad flatpack (TQFP)
◆ Green parts available, see ordering informationde




Similar Part No. - 71V632

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V632S5PF IDT-71V632S5PF Datasheet
861Kb / 18P
3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
71V632S6PF IDT-71V632S6PF Datasheet
861Kb / 18P
3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
71V632S7PF IDT-71V632S7PF Datasheet
861Kb / 18P
3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
71V632SA4PF IDT-71V632SA4PF Datasheet
861Kb / 18P
3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
More results


Similar Description - 71V632

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632 Datasheet
273Kb / 19P
64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V432 IDT-IDT71V432 Datasheet
267Kb / 18P
32K x 32 CacheRAM 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect
IDT71V633 IDT-IDT71V633 Datasheet
269Kb / 19P
64K x 32 3.3V Synchronous SRAM Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V3576S IDT-IDT71V3576S Datasheet
288Kb / 22P
128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V3576S IDT-IDT71V3576S_15 Datasheet
220Kb / 18P
3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V35761S IDT-IDT71V35761S_14 Datasheet
972Kb / 21P
3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
71V25761S RENESAS-71V25761S Datasheet
278Kb / 18P
128K X 36 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Jul.27. 20
71V35761S RENESAS-71V35761S Datasheet
319Kb / 23P
128K x 36 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.18.20
IDT71V432 RENESAS-IDT71V432 Datasheet
371Kb / 18P
32K x 32 CacheRAM™ 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect
OCTOBER 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com