Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72V70810 Datasheet (PDF) - Renesas Technology Corp

72V70810 Datasheet PDF - Renesas Technology Corp
Part # 72V70810
Download  72V70810 Download
File Size   782.92 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT Time SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024

72V70810 Datasheet (PDF)

Go To PDF Page Download Datasheet
72V70810 Datasheet PDF - Renesas Technology Corp

Part # 72V70810
Download  72V70810 Click to download

File Size   782.92 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT Time SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024

72V70810 Datasheet (HTML) - Renesas Technology Corp


72V70810 Product details

FEATURES:
• 1,024 x 1,024 channel non-blocking switching at 8.192 Mb/s
• Per-channel variable or constant throughput delay
• Automatic identification of ST-BUS®/GCI interfaces
• Accepts 8 Serial Data Streams of 8.192 Mb/s
• Automatic frame offset delay measurement
• Per-stream frame delay offset programming
• Per-channel high impedance output control
• Per-channel Processor Mode
• Control interface compatible to Intel/Motorola CPUs
• Connection memory block programming
• Available in 64-pin Thin Plastic Quad Flatpack (TQFP) and
64-pin Small Thin Quad Flatpack (STQFP)
• 3.3V Power Supply
• Operating Temperature Range -40°C to +85°C
• 3.3V I/O with 5V Tolerant Inputs




Similar Part No. - 72V70810

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V73273BB RENESAS-72V73273BB Datasheet
1Mb / 37P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
February 9, 2009
logo
Integrated Device Techn...
72V73273BBBLANK IDT-72V73273BBBLANK Datasheet
1Mb / 36P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
More results


Similar Description - 72V70810

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70210 IDT-IDT72V70210 Datasheet
119Kb / 19P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70810 IDT-IDT72V70810 Datasheet
149Kb / 22P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
IDT72V71660 IDT-IDT72V71660 Datasheet
233Kb / 31P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
logo
Renesas Technology Corp
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
IDT72V70210 RENESAS-IDT72V70210 Datasheet
442Kb / 20P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JANUARY 2005
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com