Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74CBTLV16210 Datasheet (PDF) - Renesas Technology Corp

74CBTLV16210 Datasheet PDF - Renesas Technology Corp
Part # 74CBTLV16210
Download  74CBTLV16210 Download
File Size   262.04 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE 20-BIT BUS SWITCH

74CBTLV16210 Datasheet (PDF)

Go To PDF Page Download Datasheet
74CBTLV16210 Datasheet PDF - Renesas Technology Corp

Part # 74CBTLV16210
Download  74CBTLV16210 Click to download

File Size   262.04 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE 20-BIT BUS SWITCH

74CBTLV16210 Datasheet (HTML) - Renesas Technology Corp


74CBTLV16210 Product details

APPLICATIONS:
• 3.3V High Speed Bus Switching and Bus Isolation
FEATURES:
• 5Ω A/B bi-directional switch
• Isolation Under Power-Off Conditions
• Over-voltage tolerant
• Latch-up performance exceeds 100mA
• VCC = 2.3V - 3.6V, normal range
• ESD >2000V per MIL-STD-883, Method 3015; >200V using
machine model (C = 200pF, R = 0)
• Available in TSSOP package




Similar Part No. - 74CBTLV16210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBTLV16210DLG4 TI-74CBTLV16210DLG4 Datasheet
314Kb / 11P
LOW-VOLTAGE 20-BIT FET BUS SWITCH
74CBTLV16210DLG4 TI-74CBTLV16210DLG4 Datasheet
344Kb / 11P
LOW-VOLTAGE 20-BIT FET BUS SWITCH
74CBTLV16210DLG4 TI-74CBTLV16210DLG4 Datasheet
349Kb / 11P
LOW-VOLTAGE 20-BIT FET BUS SWITCH
74CBTLV16210DLRG4 TI-74CBTLV16210DLRG4 Datasheet
314Kb / 11P
LOW-VOLTAGE 20-BIT FET BUS SWITCH
74CBTLV16210DLRG4 TI-74CBTLV16210DLRG4 Datasheet
344Kb / 11P
LOW-VOLTAGE 20-BIT FET BUS SWITCH
More results


Similar Description - 74CBTLV16210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV16210 TI-SN74CBTLV16210 Datasheet
171Kb / 9P
LOW-VOLTAGE 20-BIT FET BUS SWITCH
logo
Fairchild Semiconductor
FST16861 FAIRCHILD-FST16861 Datasheet
156Kb / 4P
20-Bit Bus Switch
FST16862 FAIRCHILD-FST16862 Datasheet
238Kb / 6P
20-Bit Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV16210 IDT-IDT74CBTLV16210 Datasheet
57Kb / 5P
LOW-VOLTAGE 20-BIT BUS SWITCH
IDT74CBTLV16800 IDT-IDT74CBTLV16800 Datasheet
76Kb / 5P
LOW-VOLTAGE 20-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Fairchild Semiconductor
FST16210 FAIRCHILD-FST16210_05 Datasheet
118Kb / 4P
20-Bit Bus Switch
logo
Texas Instruments
SN74CBTLV16210 TI-SN74CBTLV16210_07 Datasheet
314Kb / 11P
LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210_08 Datasheet
344Kb / 11P
LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210_09 Datasheet
349Kb / 11P
LOW-VOLTAGE 20-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16210 IDT-IDT74CBTLV16210_14 Datasheet
87Kb / 5P
LOW-VOLTAGE 20-BIT BUS SWITCH
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com