Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74CBTLV3244 Datasheet (PDF) - Renesas Technology Corp

74CBTLV3244 Datasheet PDF - Renesas Technology Corp
Part # 74CBTLV3244
Download  74CBTLV3244 Download
File Size   263.49 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE OCTAL BUS SWITCH

74CBTLV3244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74CBTLV3244 Datasheet PDF - Renesas Technology Corp

Part # 74CBTLV3244
Download  74CBTLV3244 Click to download

File Size   263.49 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE OCTAL BUS SWITCH

74CBTLV3244 Datasheet (HTML) - Renesas Technology Corp


74CBTLV3244 Product details

FEATURES:
• Pin-out compatible with standard '244 Logic products
• 5Ω A/B bi-directional switch
• Isolation under power-off conditions
• Over-voltage tolerant
• Latch-up performance exceeds 100mA
• VCC = 2.3V - 3.6V, Normal Range
• ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
• Available in QSOP and TSSOP packages




Similar Part No. - 74CBTLV3244

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3244 NEXPERIA-74CBTLV3244 Datasheet
269Kb / 15P
8-bit bus switch with 4-bit output enables
74CBTLV3244-Q100 NEXPERIA-74CBTLV3244-Q100 Datasheet
268Kb / 14P
8-bit bus switch with 4-bit output enables
Rev. 1 - 13 December 2022
74CBTLV3244BQ NEXPERIA-74CBTLV3244BQ Datasheet
269Kb / 15P
8-bit bus switch with 4-bit output enables
74CBTLV3244BQ-Q100 NEXPERIA-74CBTLV3244BQ-Q100 Datasheet
268Kb / 14P
8-bit bus switch with 4-bit output enables
Rev. 1 - 13 December 2022
logo
Integrated Device Techn...
74CBTLV3244PPG IDT-74CBTLV3244PPG Datasheet
97Kb / 5P
LOW-VOLTAGE OCTAL BUS SWITCH
More results


Similar Description - 74CBTLV3244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3245 TI-SN74CBTLV3245 Datasheet
79Kb / 6P
LOW-VOLTAGE OCTAL FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV3245 IDT-IDT74CBTLV3245 Datasheet
140Kb / 5P
LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244 Datasheet
136Kb / 5P
LOW-VOLTAGE OCTAL BUS SWITCH
logo
Toshiba Semiconductor
TC7MBL3245BFT TOSHIBA-TC7MBL3245BFT Datasheet
269Kb / 8P
Octal Low Voltage Bus Switch
TC7MBL3244AFT TOSHIBA-TC7MBL3244AFT Datasheet
185Kb / 7P
Octal Low Voltage Bus Switch
TC7MBL3245AFT TOSHIBA-TC7MBL3245AFT Datasheet
184Kb / 7P
Octal Low Voltage Bus Switch
logo
Texas Instruments
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
LOW-VOLTAGE OCTAL FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV3244 IDT-IDT74CBTLV3244_14 Datasheet
97Kb / 5P
LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3245 IDT-IDT74CBTLV3245_14 Datasheet
95Kb / 5P
LOW-VOLTAGE OCTAL BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3245 RENESAS-74CBTLV3245 Datasheet
264Kb / 6P
LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com