Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74CBTLV3257 Datasheet (PDF) - Renesas Technology Corp

74CBTLV3257 Datasheet PDF - Renesas Technology Corp
Part # 74CBTLV3257
Download  74CBTLV3257 Download
File Size   268.2 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH

74CBTLV3257 Datasheet (PDF)

Go To PDF Page Download Datasheet
74CBTLV3257 Datasheet PDF - Renesas Technology Corp

Part # 74CBTLV3257
Download  74CBTLV3257 Click to download

File Size   268.2 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH

74CBTLV3257 Datasheet (HTML) - Renesas Technology Corp


74CBTLV3257 Product details

FEATURES:
• Functionally equivalent to QS3257
• 5Ω bi-directional switch connection between two ports
• Isolation under power-off conditions
• Over-voltage tolerant
• Latch-up performance exceeds 100mA
• VCC = 2.3V - 3.6V, Normal Range
• ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
• Available in QSOP and TSSOP packages
APPLICATIONS:
• 3.3V High Speed Bus Switching, Multiplexing, and Bus Isolation




Similar Part No. - 74CBTLV3257

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74CBTLV3257 NEXPERIA-74CBTLV3257 Datasheet
359Kb / 21P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 8 - 21 March 2023
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
Quad 1-of-2 multiplexer/demultiplexer
logo
NXP Semiconductors
74CBTLV3257BQ NXP-74CBTLV3257BQ Datasheet
479Kb / 19P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74CBTLV3257BQ NEXPERIA-74CBTLV3257BQ Datasheet
359Kb / 21P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 8 - 21 March 2023
More results


Similar Description - 74CBTLV3257

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV3257 IDT-IDT74CBTLV3257 Datasheet
124Kb / 5P
LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
3.3V, Quad 2:1 Mux/Demux Bus Switch
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV3257 IDT-IDT74CBTLV3257_08 Datasheet
389Kb / 5P
LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH Over-voltage tolerant
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV3257 IDT-IDT74CBTLV3257_14 Datasheet
99Kb / 5P
LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH
logo
Savitech Corp.
SV73257A SAVITECH-SV73257A Datasheet
267Kb / 8P
8KV ESD, Low-Voltage, High-Bandwidth Quad 2:1 MUX/DEMUX Bus Switch
SV73257C SAVITECH-SV73257C Datasheet
267Kb / 8P
8KV ESD, Low-Voltage, High-Bandwidth Quad 2:1 MUX/DEMUX Bus Switch
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com