Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVT640 Datasheet (PDF) - NXP Semiconductors

74LVT640 Datasheet PDF - NXP Semiconductors
Part # 74LVT640
Download  74LVT640 Download
File Size   94.05 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Octal transceiver with direction pin; inverting 3-State

74LVT640 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT640 Datasheet PDF - NXP Semiconductors

Part # 74LVT640
Download  74LVT640 Click to download

File Size   94.05 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Octal transceiver with direction pin; inverting 3-State

74LVT640 Datasheet (HTML) - NXP Semiconductors


74LVT640 Product details

DESCRIPTION
The LVT640 is a high-performance BiCMOS product designed for VCC operation at 3.3V.
This device is an octal transceiver featuring inverting 3-State bus compatible outputs in both send and receive directions. The control function implementation minimizes external timing requirements.
   
FEATURES
• Octal bidirectional bus interface
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
    resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up 3-State
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
    and 200V per Machine Model
   




Similar Part No. - 74LVT640

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
74LVT640D NEXPERIA-74LVT640D Datasheet
233Kb / 12P
3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
74LVT640PW NEXPERIA-74LVT640PW Datasheet
233Kb / 12P
3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74LVT640_2 PHILIPS-74LVT640_2_15 Datasheet
110Kb / 10P
3.3V Octal transceiver with direction pin; inverting (3-State)
1998 Feb 19
More results


Similar Description - 74LVT640

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
Octal transceiver with direction pin 3-State
1998 Jan 16
74ABT640 PHILIPS-74ABT640 Datasheet
104Kb / 10P
Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74LVT245 PHILIPS-74LVT245 Datasheet
92Kb / 10P
3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
74LVT245B PHILIPS-74LVT245B Datasheet
106Kb / 10P
3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
Octal transceiver with direction pin (3-State)
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
74LVT640_2 PHILIPS-74LVT640_2_15 Datasheet
110Kb / 10P
3.3V Octal transceiver with direction pin; inverting (3-State)
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT245 NEXPERIA-74LVT245 Datasheet
254Kb / 14P
3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
74ABT245 NEXPERIA-74ABT245 Datasheet
233Kb / 12P
Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com