Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9ZXL1550BKLF Datasheet (PDF) - Renesas Technology Corp

9ZXL1550BKLF Datasheet PDF - Renesas Technology Corp
Part # 9ZXL1550BKLF
Download  9ZXL1550BKLF Download
File Size   496.0 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15-output DB1900Z Low-Power Derivative

9ZXL1550BKLF Datasheet (PDF)

Go To PDF Page Download Datasheet
9ZXL1550BKLF Datasheet PDF - Renesas Technology Corp

Part # 9ZXL1550BKLF
Download  9ZXL1550BKLF Click to download

File Size   496.0 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15-output DB1900Z Low-Power Derivative

9ZXL1550BKLF Datasheet (HTML) - Renesas Technology Corp


9ZXL1550BKLF Product details

Features/Benefits
• LP-HCSL outputs; up to 90% IO power reduction, better
signal integrity over long traces
• Direct connect to 85Ω transmission lines; eliminates 60
termination resistors, saves 103mm2 area
• Pin compatible to the 9ZXL1530; easy upgrade to reduced
board space
• 64-VFQFPN package; smallest 15 output Z-buffer
• Fixed feedback path: ~ 0ps input-to-output delay
• 9 Selectable SMBus addresses; multiple devices can share
same SMBus segment
• Separate VDDIO for outputs; allows maximum power
savings
• PLL or bypass mode; PLL can dejitter incoming clock
• 100MHz & 133.33MHz PLL mode; legacy QPI/UPI support
• Selectable PLL BW; minimizes jitter peaking in downstream
PLL's
• Spread spectrum compatible; tracks spreading input clock
for EMI reduction
• SMBus Interface; unused outputs can be disabled
Output Features
• 15 - LP-HCSL Differential Output Pairs w/integrated
terminations (Zo = 85)




Similar Part No. - 9ZXL1550BKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1550BKLF IDT-9ZXL1550BKLF Datasheet
301Kb / 18P
15-output DB1900Z Low-Power Derivative
logo
Renesas Technology Corp
9ZXL1550BKLF RENESAS-9ZXL1550BKLF Datasheet
463Kb / 19P
15-output DB1900Z Low-Power Derivative
REVISION E 11/20/15
logo
Integrated Device Techn...
9ZXL1550BKLFT IDT-9ZXL1550BKLFT Datasheet
301Kb / 18P
15-output DB1900Z Low-Power Derivative
logo
Renesas Technology Corp
9ZXL1550BKLFT RENESAS-9ZXL1550BKLFT Datasheet
463Kb / 19P
15-output DB1900Z Low-Power Derivative
REVISION E 11/20/15
More results


Similar Description - 9ZXL1550BKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1530 IDT-9ZXL1530_15 Datasheet
227Kb / 19P
15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
9ZXL1550 IDT-9ZXL1550_15 Datasheet
301Kb / 18P
15-output DB1900Z Low-Power Derivative
9ZXL1930 IDT-9ZXL1930_15 Datasheet
231Kb / 18P
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
19-output DB1900Z Low-Power Derivative w/85ohm Terminations
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com