Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-LPS Datasheet (PDF) - STMicroelectronics

BLUENRG-LPS Datasheet PDF - STMicroelectronics
Part # BLUENRG-LPS
Download  BLUENRG-LPS Download
File Size   2056.92 Kbytes
Page   67 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Programmable Bluetooth® Low Energy wireless SoC

BLUENRG-LPS Datasheet (PDF)

Go To PDF Page Download Datasheet
BLUENRG-LPS Datasheet PDF - STMicroelectronics

Part # BLUENRG-LPS
Download  BLUENRG-LPS Click to download

File Size   2056.92 Kbytes
Page   67 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Programmable Bluetooth® Low Energy wireless SoC

BLUENRG-LPS Datasheet (HTML) - STMicroelectronics


BLUENRG-LPS Product details

Features
■ Bluetooth® Low Energy system-on-chip supporting Bluetooth 5.3 specifications – 2 Mbps data rate – Long range (Coded PHY) – Advertising extensions – Channel selection algorithm #2 – GATT caching – Direction finding (AoA/AoD) – LE ping procedure – Periodic advertising and periodic advertising sync transfer – LE L2CAP connection-oriented channel – LE power control and path loss monitoring
■ Radio – RX sensitivity level: -97 dBm @ 1 Mbps, -104 dBm @ 125 kbps (long range) – Programmable output power up to +8 dBm (at antenna connector) – Data rate supported: 2 Mbps, 1 Mbps, 500 kbps and 125 kbps – 128 physical connections – Integrated balun – Support for external PA and LNA – BlueNRG core coprocessor (DMA based) for Bluetooth Low Energy timing critical operation – 2.4 GHz proprietary radio driver – Suitable for systems requiring compliance with the following radio frequency regulations: ETSI EN 300 328, EN 300 440, FCC CFR47 part 15, ARIB STD-T66 – Available integrated passive device (IPD) companion chip for optimized matching and filtering
■ Ultra-low power radio performance – 8 nA in SHUTDOWN mode (1.8 V) – 0.8 µA in DEEPSTOP mode (with external LSE and BLE wake-up sources, 1.8 V) – 1.0 µA in DEEPSTOP mode (with internal LSI and BLE wake-up sources, 1.8 V) – 4.3 mA peak current in TX (@ 0 dBm, 3.3 V) – 3.4 mA peak current in RX (@ sensitivity level, 3.3V)
■ High performance and ultra-low power Arm® Cortex®-M0+ 32-bit, running up to 64 MHz
■ Dynamic current consumption: 14 µA/MHz
■ Operating supply voltage: from 1.7 to 3.6 V
■ -40 ºC to 105 ºC temperature range
■ Supply and reset management – High efficiency embedded SMPS step-down converter with intelligent bypass mode – Ultra-low power power-on-reset (POR) and power-down-reset (PDR) – Programmable voltage detector (PVD) VFQFPN32 (5 x 5 mm) WLCSP36 (2.83 x 2.99 mm) Product status link BlueNRG-LPS Product summary




Similar Part No. - BLUENRG-LPS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BLUENRG-LP STMICROELECTRONICS-BLUENRG-LP Datasheet
4Mb / 72P
Programmable Bluetooth® Low Energy wireless SoC
Rev 2 - September 2020
More results


Similar Description - BLUENRG-LPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK71050-03 ETC2-MK71050-03 Datasheet
616Kb / 23P
Bluetooth Low Energy wireless module
logo
Cypress Semiconductor
BCM20732 CYPRESS-BCM20732 Datasheet
4Mb / 3P
Single-Chip Bluetooth Low Energy-Only SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
logo
STMicroelectronics
BLUENRG-LP STMICROELECTRONICS-BLUENRG-LP Datasheet
4Mb / 72P
Programmable Bluetooth® Low Energy wireless SoC
Rev 2 - September 2020
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Silicon Laboratories
EFR32BG14 SILABS-EFR32BG14 Datasheet
2Mb / 159P
EFR32BG14 Blue Gecko Bluetooth® Low Energy SoC Family
Rev. 1.2
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
RYZ012 RENESAS-RYZ012 Datasheet
649Kb / 21P
Wireless Communication Module for Bluetooth® 5 Low Energy
May.05.22
logo
Texas Instruments
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com