Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOSD61TR Datasheet (PDF) - STMicroelectronics

ISOSD61TR Datasheet PDF - STMicroelectronics
Part # ISOSD61TR
Download  ISOSD61TR Download
File Size   567.54 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High accuracy isolated Sigma-Delta modulator

ISOSD61TR Datasheet (PDF)

Go To PDF Page Download Datasheet
ISOSD61TR Datasheet PDF - STMicroelectronics

Part # ISOSD61TR
Download  ISOSD61TR Click to download

File Size   567.54 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High accuracy isolated Sigma-Delta modulator

ISOSD61TR Datasheet (HTML) - STMicroelectronics


ISOSD61TR Product details

Features
• Up to 25 MHz external clock input
• ±320 mV full scale analog input range
• 16 bits resolution, no missing codes
• 86 dB typical SNR
• -83 dB typical THD
• 13 bits typical ENOB
• Low Voltage Differential Signaling (LVDS) and Single - ended (TTL/CMOS)
options
• –40°C to +125°C extended industrial temperature range
• SO-16 wide package
• 30 kV/μs typical High Common-mode transient immunity
• 6000 VPEAK Isolation Voltage VIOTM
• 1200 VPEAK Working Voltage VIORM
• UL1577 certified, File Number: E362869

Application
Current or voltage sensing in:
• Industrial motor control
• Solar inverter
• UPS
• Electric vehicle charger
• Telecom and server power supply

Description
The ISOSD61 is a galvanic isolated second order Sigma-Delta modulator based on
embedded transformer coupling technology. It converts an analog input signal with
maximum range of ±320mV into a high speed, 25 Msps, 1-bit digital data stream.
The signal information can be rebuilt by means of a digital filtering. The modulator
is isolated from the digital I/O section through a high-speed isolated data coupling,
whose performances are far better than other isolated transceivers like optocouplers.




Similar Part No. - ISOSD61TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ISOSD61TR STMICROELECTRONICS-ISOSD61TR Datasheet
1Mb / 23P
High accuracy isolated Sigma-Delta modulator
24-Mar-2025
More results


Similar Description - ISOSD61TR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
Isolated Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
Isolated Sigma-Delta Modulator
3/06-Revision 0
AD7400 AD-AD7400_06 Datasheet
444Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7400A AD-AD7400A Datasheet
326Kb / 19P
Isolated Sigma-Delta Modulator
Rev. PrA
AD7401A AD-AD7401A Datasheet
436Kb / 20P
Isolated Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
Isolated Sigma-Delta Modulator
Rev. F
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com