Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD56020J100R Datasheet (PDF) - STMicroelectronics

LD56020J100R Datasheet PDF - STMicroelectronics
Part # LD56020J100R
Download  LD56020J100R Download
File Size   1535.14 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low input voltage, 200 mA ultra-low noise LDO

LD56020J100R Datasheet (PDF)

Go To PDF Page Download Datasheet
LD56020J100R Datasheet PDF - STMicroelectronics

Part # LD56020J100R
Download  LD56020J100R Click to download

File Size   1535.14 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low input voltage, 200 mA ultra-low noise LDO

LD56020J100R Datasheet (HTML) - STMicroelectronics


LD56020J100R Product details

Features
• Input voltage from 1.1 V to 5.5 V
• Ultra-low dropout voltage (190 mV max. at 200 mA load)
• Low ground current (18 μA typ. at no load)
• Output voltage tolerance: ± 2 % overtemperature, ± 1% at 25 °C
• 200 mA guaranteed output current
• Ultra-low output noise: 8.8 μVRMS (10 Hz to 100 kHz)
• 50 mV output voltage steps (available on request) from 0.6 V to 4.0 V
• Logic-controlled electronic shutdown
• Thermal shutdown
• Output active discharge function
• Packages: Flip-chip4 0.65 x 0.65 mm² and SOT23-5L

Applications
• Smartphones/tablets
• Image sensors
• VCO and RF modules

Description
The LD56020 is a high accuracy voltage regulator which provides 0.2 A of current.
It is available in CSP 0.65 x 0.65 mm² package, SOT23-5L, allowing the maximum
space saving.
The device is stabilized with a small ceramic capacitor on input and output. The
ultra-low drop, low quiescent current and short-circuit current foldback make the
LD56020 suitable for low power battery-operated applications.
An enable logic control function puts the LD56020 in shutdown mode allowing a total
current consumption lower than 0.1 μA. Thermal protection is also included.




Similar Part No. - LD56020J100R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD56020 STMICROELECTRONICS-LD56020 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - LD56020J100R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
logo
Unisonic Technologies
LR1122B UTC-LR1122B_10 Datasheet
233Kb / 11P
LOW NOISE 200 mA LDO REGULATOR
logo
ON Semiconductor
NCP729 ONSEMI-NCP729 Datasheet
680Kb / 13P
200 mA Ultra-Low Noise Very-Low Iq, High PSRR, LDO Linear Voltage Regulator
August, 2012 - Rev. 1
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 - Rev. 0
NCP702SN28T1G ONSEMI-NCP702SN28T1G Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
NCP729 ONSEMI-NCP729_13 Datasheet
683Kb / 13P
200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
logo
STMicroelectronics
LDLN025 STMICROELECTRONICS-LDLN025 Datasheet
1Mb / 22P
250 mA ultra low noise LDO
17-Nov-2016
logo
Texas Instruments
LP5907_1810 TI1-LP5907_1810 Datasheet
2Mb / 48P
250-mA, Ultra-Low-Noise, Low-IQ LDO
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com