Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB041E Datasheet (PDF) - Renesas Technology Corp

AT45DB041E Datasheet PDF - Renesas Technology Corp
Part # AT45DB041E
Download  AT45DB041E Download
File Size   2752.16 Kbytes
Page   78 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory

AT45DB041E Datasheet (PDF)

Go To PDF Page Download Datasheet
AT45DB041E Datasheet PDF - Renesas Technology Corp

Part # AT45DB041E
Download  AT45DB041E Click to download

File Size   2752.16 Kbytes
Page   78 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory

AT45DB041E Datasheet (HTML) - Renesas Technology Corp


AT45DB041E Product details

Features
• Single 1.65 V - 3.6 V supply
• Serial Peripheral Interface (SPI) compatible
• Supports SPI modes 0 and 3
• Supports RapidS™ operation
• Continuous read capability through entire array
• Up to 85 MHz
• Low-power read option up to 15 MHz
• Clock-to-output time (tV) of 6 ns maximum
• User-configurable page size
• 256 bytes per page
• 264 bytes per page (default)
• Page size can be factory pre-configured for 256 bytes
• Two fully independent SRAM data buffers (256/264 bytes)
• Allows receiving data while reprogramming the main memory array
• Flexible programming options
• Byte/Page Program (1 to 256/264 bytes) directly into main memory
• Buffer Write
• Buffer to Main Memory Page Program
• Flexible erase options
• Page Erase (256/264 bytes)
• Block Erase (2 kB)
• Sector Erase (64 kB)
• Chip Erase (4 Mbits)
• Program and Erase Suspend/Resume
• Advanced hardware and software data protection features
• Individual sector protection
• Individual sector lockdown to make any sector permanently read-only
• 128-byte, One-Time Programmable (OTP) Security Register
• 64 bytes factory programmed with a unique identifier
• 64 bytes user programmable
• Hardware and software controlled reset options
• JEDEC Standard Manufacturer and Device ID Read
• Low-power dissipation
• 400 nA Ultra-Deep Power-Down current (typical)
• 3 µA Deep Power-Down current (typical)
• 25 µA Standby current (typical)
• 7mA Active Read current (typical @ 15 MHz))
• Endurance:
• 100,000 program/erase cycles (-40°C to +85°C)
• 10,000 program/erase cycles (-40°C to +125°C)
• Data retention: 20 years
• Complies with full industrial temperature range
• Green (Pb/Halide-free/RoHS compliant) packaging options
• 8-lead SOIC (0.150" wide and 0.208" wide)
• 8-pad Ultra-thin DFN (5 x 6 x 0.6mm)
• 8-ball Ultra-thin UBGA (6 x 6 x 0.6mm)
• Die in Wafer Form (contact factory for availability)

1. Description
The AT45DB041E is a 1.65 V minimum, serial-interface sequential access Flash memory ideally suited for a wide
variety of digital voice, image, program code, and data storage applications. The AT45DB041E also supports the
RapidS serial interface for applications requiring very high speed operation. Its 4,194,304 bits of memory are
organized as 2,048 pages of 256 bytes or 264 bytes each. In addition to the main memory, the AT45DB041E also
contains two SRAM buffers of 256/264 bytes each. The buffers allow receiving of data while a page in the main
memory is being reprogrammed. Interleaving between both buffers can dramatically increase a system's ability to
write a continuous data stream. Also, the SRAM buffers can be used as additional system scratch pad memory,
and E2PROM emulation (bit or byte alterability) can be easily handled with a self-contained three step readmodify-write operation.
Unlike conventional Flash memories that are accessed randomly with multiple address lines and a parallel
interface, the DataFlash® uses a serial interface to sequentially access its data. The simple sequential access
dramatically reduces active pin count, facilitates simplified hardware layout, increases system reliability, minimizes
switching noise, and reduces package size. The device is optimized for use in many commercial and industrial
applications where high-density, low-pin count, low-voltage, and low-power are essential.
To allow for simple in-system re-programmability, the AT45DB041E does not require high input voltages for
programming. The device operates from a single 1.65 V to 3.6 V power supply for the erase and program and
read operations. The AT45DB041E is enabled through the Chip Select pin (CS) and accessed via a three-wire
interface consisting of the Serial Input (SI), Serial Output (SO), and the Serial Clock (SCK).
All programming and erase cycles are self-timed.




Similar Part No. - AT45DB041E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB041E ETC2-AT45DB041E Datasheet
2Mb / 71P
4-Mbit DataFlash (with Extra 128-Kbits), 1.65V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB041E DIALOG-AT45DB041E Datasheet
506Kb / 4P
4-Mbit, 1.65V Minimum SPI DataFlash짰 Memory
logo
Renesas Technology Corp
AT45DB041E RENESAS-AT45DB041E Datasheet
2Mb / 76P
4-Mbit DataFlash (with Extra 128 kbits) 1.65 V Minimum SPI Serial Flash Memory
5/24/23
AT45DB041E-DWF 2 RENESAS-AT45DB041E-DWF 2 Datasheet
2Mb / 76P
4-Mbit DataFlash (with Extra 128 kbits) 1.65 V Minimum SPI Serial Flash Memory
5/24/23
AT45DB041E-MHN-T RENESAS-AT45DB041E-MHN-T  Datasheet
2Mb / 76P
4-Mbit DataFlash (with Extra 128 kbits) 1.65 V Minimum SPI Serial Flash Memory
5/24/23
More results


Similar Description - AT45DB041E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB021E ETC2-AT45DB021E Datasheet
2Mb / 68P
2-Mbit DataFlash (with Extra 64-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB041E ETC2-AT45DB041E Datasheet
2Mb / 71P
4-Mbit DataFlash (with Extra 128-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB081E ETC2-AT45DB081E Datasheet
2Mb / 69P
8-Mbit DataFlash (with Extra 256-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB041E ETC2-AT45DB041E_14 Datasheet
2Mb / 71P
4-Mbit DataFlash (with Extra 128-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB081E ETC2-AT45DB081E_14 Datasheet
2Mb / 70P
8-Mbit DataFlash (with Extra 256-Kbits), 1.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB021E DIALOG-AT45DB021E Datasheet
1Mb / 74P
2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
AT45DB081E DIALOG-AT45DB081E Datasheet
1Mb / 79P
8-Mbit DataFlash (with Extra 256-kbits) 1.7 V Minimum SPI Serial Flash Memory
AT45DB641E DIALOG-AT45DB641E Datasheet
1Mb / 72P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB021E RENESAS-AT45DB021E Datasheet
2Mb / 70P
2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
8/11/22
AT45DB081E RENESAS-AT45DB081E Datasheet
2Mb / 97P
8-Mbit DataFlash (with Extra 256 kbits), 1.7 V Minimum SPI Serial Flash Memory
8/16/22
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com