Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4015BMS Datasheet (PDF) - Renesas Technology Corp

CD4015BMS Datasheet PDF - Renesas Technology Corp
Part # CD4015BMS
Download  CD4015BMS Download
File Size   424.67 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output

CD4015BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4015BMS Datasheet PDF - Renesas Technology Corp

Part # CD4015BMS
Download  CD4015BMS Click to download

File Size   424.67 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output

CD4015BMS Datasheet (HTML) - Renesas Technology Corp


CD4015BMS Product details

Features
• High-Voltage Type (20V Rating)
• Medium Speed Operation 12MHz (typ.) Clock Rate at
VDD - VSS = 10V
• Fully Static Operation
• 8 Master-Slave Flip-Flops Plus Input and Output Buffering
• 100% Tested For Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Standardized Symmetrical Output Characteristics
• Maximum Input Current of 1A at 18V Over Full Package-Temperature Range; 100nA at 18V and 25oC
• Noise Margin (Full Package-Temperature Range) =
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”

Description
CD4015BMS consists of two identical, independent, 4-stage
serial-input/parallel output registers. Each register has independent CLOCK and RESET inputs as well as a single serial
DATA input. “Q” outputs are available from each of the four
stages on both registers. All register stages are D type, master-slave flip-flops. The logic level present at the DATA input
is transferred into the first register stage and shifted over one
stage at each positive-going clock transition. Resetting of all
stages is accomplished by a high level on the reset line.
Register expansion to 8 stages using one CD4015BMS
package, or to more than 8 stages using additional
CD4015BMS’s is possible.
The CD4015BMS is supplied in these 16 lead outline packages:
Braze Seal DIP H4X
Frit Seal DIP H1F
Ceramic Flatpack H6W




Similar Part No. - CD4015BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4015BMS INTERSIL-CD4015BMS Datasheet
118Kb / 8P
CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
December 1992
More results


Similar Description - CD4015BMS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4015B STMICROELECTRONICS-HCC4015B Datasheet
281Kb / 12P
DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT
Jun-1989
logo
Toshiba Semiconductor
TC4015BP TOSHIBA-TC4015BP Datasheet
262Kb / 6P
DUAL 4-STAGE STATIC SHIFT REGISTER (WITH SERIAL INPUT/PARALLEL OUTPUT)
logo
Intersil Corporation
CD4015BMS INTERSIL-CD4015BMS Datasheet
118Kb / 8P
CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
December 1992
CD4015BT INTERSIL-CD4015BT Datasheet
74Kb / 3P
CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
July 1999
logo
STMicroelectronics
HCF4015B STMICROELECTRONICS-HCF4015B Datasheet
225Kb / 10P
DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT
Sep-2002
logo
List of Unclassifed Man...
MMC4015 ETC1-MMC4015 Datasheet
109Kb / 4P
DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT / PARALLEL OUTPUT
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
CMOS Dual 4-Stage Static Shift Register
logo
Toshiba Semiconductor
TC4015BP TOSHIBA-TC4015BP_07 Datasheet
347Kb / 9P
Dual 4-Stage Static Shift Register(with serial input/parallel output)
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com