Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4020BMS Datasheet (PDF) - Renesas Technology Corp

CD4020BMS Datasheet PDF - Renesas Technology Corp
Part # CD4020BMS
Download  CD4020BMS Download
File Size   584.09 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Ripple-Carry BinaryCounter/Dividers

CD4020BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4020BMS Datasheet PDF - Renesas Technology Corp

Part # CD4020BMS
Download  CD4020BMS Click to download

File Size   584.09 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Ripple-Carry BinaryCounter/Dividers

CD4020BMS Datasheet (HTML) - Renesas Technology Corp


CD4020BMS Product details

Features
• High Voltage Types (20V Rating)
• Medium Speed Operation
• Fully Static Operation
• Buffered Inputs and Outputs
• 100% Tested for Quiescent Current at 20V
• Standardized Symmetrical Output Characteristics
• Common Reset
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1a at 18V Over Full Package-Temperature Range;
- 100nA at 18V and 25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications For Description Of
‘B’ Series CMOS Devices”

Description
CD4020BMS, CD4024BMS, and CD4040BMS are ripplecarry binary counters. All counter stages are master-slave
flip-flops. The state of a counter advances one count on the
negative transition of each input pulse; a high level on the
RESET line resets the counter to its all zeros state. Schmitt
trigger action on the input-pulse line permits unlimited rise
and fall times. All inputs and outputs are buffered.
The CD4020BMS, CD4024BMS and the CD4040BMS is
supplied in these 14 lead outline packages:
Pinouts
CD4020BMS
TOP VIEW
CD4024BMS
TOP VIEW
CD4040BMS
TOP VIEW
CD4020BMS - 14 Stage
CD4024BMS - 7 Stage
CD4040BMS - 12 Stage
CD4020B CD4024B CD4040B
Braze Seal DIP H4W H4Q H4X
Frit Seal DIP H1F H1B H1F
Ceramic Flatpack H6W H3W H6W




Similar Part No. - CD4020BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4020BMS INTERSIL-CD4020BMS Datasheet
103Kb / 10P
CMOS Ripple-Carry Binary Counter/Dividers
October 1996
More results


Similar Description - CD4020BMS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4020B STMICROELECTRONICS-HCC4020B Datasheet
267Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS
Mar-1989
logo
Texas Instruments
CD4020B TI-CD4020B Datasheet
225Kb / 13P
CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
logo
Toshiba Semiconductor
TC4020BP TOSHIBA-TC4020BP Datasheet
265Kb / 7P
14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS
TC4024BP TOSHIBA-TC4024BP Datasheet
249Kb / 6P
7 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
logo
Intersil Corporation
CD4020BMS INTERSIL-CD4020BMS Datasheet
103Kb / 10P
CMOS Ripple-Carry Binary Counter/Dividers
October 1996
logo
Micro Electronics
MMC4024 MICRO-ELECTRONICS-MMC4024 Datasheet
111Kb / 4P
RIPPLE CARRY BINARY COUNTER / DIVIDERS
logo
STMicroelectronics
HCF4040B STMICROELECTRONICS-HCF4040B Datasheet
246Kb / 10P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
September 2001
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP_07 Datasheet
314Kb / 9P
7 Stage Ripple-Carry Binary Counter/Dividers
TC4040BP TOSHIBA-TC4040BP_07 Datasheet
326Kb / 9P
12 Stage Ripple-Carry Binary Counter/Dividers
logo
Texas Instruments
CD4040BEE4 TI-CD4040BEE4 Datasheet
1Mb / 23P
CMOS Ripple-Carry Binary Counter / Dividers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com