Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4027BMS Datasheet (PDF) - Renesas Technology Corp

CD4027BMS Datasheet PDF - Renesas Technology Corp
Part # CD4027BMS
Download  CD4027BMS Download
File Size   337.81 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Dual J-KMaster-Slave Flip-Flop

CD4027BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4027BMS Datasheet PDF - Renesas Technology Corp

Part # CD4027BMS
Download  CD4027BMS Click to download

File Size   337.81 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Dual J-KMaster-Slave Flip-Flop

CD4027BMS Datasheet (HTML) - Renesas Technology Corp


CD4027BMS Product details

Features
• High Voltage Type (20V Rating)
• Set - Reset Capability
• Static Flip-Flop Operation - Retains State Indefinitely
with Clock Level Either “High” or “Low”
• Medium Speed Operation - 16MHz (typ.) Clock Toggle
Rate at 10V
• Standardized Symmetrical Output Characteristics
• 100% Tested For Quiescent Current at 20V
• Maximum Input Current of 1A at 18V Over Full
Package-Temperature Range;
- 100nA at 18V and +25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”

Description
CD4027BMS is a single monolithic chip integrated circuit containing two identical complementary-symmetry J-K masterslave flip-flops. Each flip-flop has provisions for individual J, K,
Set Reset, and Clock input signals. Buffered Q and Q signals
are provided as outputs. This input-output arrangement provides for compatible operation with the Intersil CD4013B dual D
type flip-flop.
The CD4027BMS is useful in performing control, register, and
toggle functions. Logic levels present at the J and K inputs
along with internal self-steering control the state of each flipflop; changes in the flip-flop state are synchronous with the positive-going transition of the clock pulse. Set and reset functions
are independent of the clock and are initiated when a high level
signal is present at either the Set or Reset input.
The CD4027BMS is supplied in these 16-lead outline packages:
Braze Seal DIP H4T
Frit Seal DIP H1E
Ceramic Flatpack H6W




Similar Part No. - CD4027BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4027BMS INTERSIL-CD4027BMS Datasheet
72Kb / 8P
CMOS Dual J-K Master-Slave Flip-Flop
December 1992
More results


Similar Description - CD4027BMS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
Dual J-K Master-Slave Flip-Flop
1996 REV 5
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
Dual J-K Master-Slave Flip-Flop
REV 6
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP Datasheet
270Kb / 7P
DUAL J-K MASTER-SLAVE FLIP FLOP
logo
Intersil Corporation
CD4027BMS INTERSIL-CD4027BMS Datasheet
72Kb / 8P
CMOS Dual J-K Master-Slave Flip-Flop
December 1992
logo
Micro Electronics
MMC4027 MICRO-ELECTRONICS-MMC4027 Datasheet
113Kb / 4P
DUAL J-K MASTER SLAVE FLIP FLOP
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
logo
Texas Instruments
CD4027B TI-CD4027B_07 Datasheet
676Kb / 14P
CMOS Dual J-K Master-Slave Flip-Flop
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP_07 Datasheet
329Kb / 9P
Dual J-K Master-Slave Flip Flop
logo
STMicroelectronics
HCF4027B STMICROELECTRONICS-HCF4027B_02 Datasheet
218Kb / 9P
DUAL J-K MASTER SLAVE FLIP-FLOP
Sep-2002
logo
Texas Instruments
CD4027B TI1-CD4027B_15 Datasheet
1Mb / 27P
CMOS Dual J-K Master-Slave Flip-Flop
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com