Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4051BMS Datasheet (PDF) - Renesas Technology Corp

CD4051BMS Datasheet PDF - Renesas Technology Corp
Part # CD4051BMS
Download  CD4051BMS Download
File Size   452.99 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Analog Multiplexers/Demultiplexers*

CD4051BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4051BMS Datasheet PDF - Renesas Technology Corp

Part # CD4051BMS
Download  CD4051BMS Click to download

File Size   452.99 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Analog Multiplexers/Demultiplexers*

CD4051BMS Datasheet (HTML) - Renesas Technology Corp


CD4051BMS Product details

Features
• Logic Level Conversion
• High-Voltage Types (20V Rating)
• CD4051BMS Signal 8-Channel
• CD4052BMS Differential 4-Channel
• CD4053BMS Triple 2-Channel
• Wide Range of Digital and Analog Signal Levels:
- Digital 3V to 20V
- Analog to 20Vp-p
• Low ON Resistance: 125 (typ) Over 15Vp-p Signal
Input Range for VDD - VEE = 15V
• High OFF Resistance: Channel Leakage of 100pA
(typ) at VDD - VEE = 18V
• Logic Level Conversion:
- Digital Addressing Signals of 3V to 20V (VDD - VSS
= 3V to 20V)
- Switch Analog Signals to 20Vp-p (VDD - VEE = 20V);
See Introductory Text
• Matched Switch Characteristics: RON = 5 (typ) for
VDD - VEE = 15V
• Very Low Quiescent Power Dissipation Under All Digital Control Input and Supply Conditions: 0.2W (typ)
at VDD - VSS = VDD - VEE = 10V
• Binary Address Decoding on Chip
• 5V, 10V and 15V Parametric Ratings
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1A at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC
• Break-Before-Making Switching Eliminates Channel
Overlap

Description
CD4051BMS, CD4052BMS and CD4053BMS analog multiplexers/demultiplexers are digitally controlled analog
switches having low ON impedance and very low OFF leakage current. Control of analog signals up to 20V peak-topeak can be achieved by digital signal amplitudes of 4.5V to
20V (if VDD-VSS = 3V, a VDD-VEE of up to 13V can be controlled; for VDD-VEE level differences above 13V, a VDDVSS of at least 4.5V is required). For example, if VDD =
+4.5V, VSS = 0, and VEE = -13.5V, analog signals from -
13.5V to +4.5V can be controlled by digital inputs of 0 to 5V.
These multiplexer circuits dissipate extremely low quiescent
power over the full VDD-VSS and VDD-VEE supply voltage
ranges, independent of the logic state of the control signals.
When a logic “1” is present at the inhibit input terminal all
channels are off.
The CD4051BMS is a single 8 channel multiplexer having
three binary control inputs, A, B, and C, and an inhibit input.
The three binary signals select 1 of 8 channels to be turned
on, and connect one of the 8 inputs to the output.
The CD4052BMS is a differential 4 channel multiplexer having two binary control inputs, A and B, and an inhibit input.
The two binary input signals select 1 of 4 pairs of channels to
be turned on and connect the analog inputs to the outputs.
The CD4053BMS is a triple 2 channel multiplexer having
three separate digital control inputs, A, B, and C, and an
inhibit input. Each control input selects one of a pair of channels which are connected in a single pole double-throw configuration.
The CD4051BMS, CD4052BMS and CD4053BMS are supplied
in these 16 lead outline packages:
Braze Seal DIP *H4X †H4T
Frit Seal DIP H1E
Ceramic Flatpack H6W
*CD4051B Only †CD4052B, CD4053 Only




Similar Part No. - CD4051BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
CMOS Analog Multiplexers/Demultiplexers
December 1992
More results


Similar Description - CD4051BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
CMOS Analog Multiplexers/Demultiplexers
December 1992
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Texas Instruments
CD4067B TI-CD4067B Datasheet
528Kb / 15P
CMOS Analog Multiplexers/Demultiplexers
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
logo
Texas Instruments
CD4051B-Q1 TI1-CD4051B-Q1_15 Datasheet
1Mb / 24P
CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
CMOS Analog Multiplexers/Demultiplexers
logo
ON Semiconductor
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com