Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4060BMS Datasheet (PDF) - Renesas Technology Corp

CD4060BMS Datasheet PDF - Renesas Technology Corp
Part # CD4060BMS
Download  CD4060BMS Download
File Size   405.0 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator

CD4060BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4060BMS Datasheet PDF - Renesas Technology Corp

Part # CD4060BMS
Download  CD4060BMS Click to download

File Size   405.0 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator

CD4060BMS Datasheet (HTML) - Renesas Technology Corp


CD4060BMS Product details

Features
• High Voltage Type (20V Rating)
• Common Reset
• 12MHz Clock Rate at 15V
• Fully Static Operation
• Buffered Inputs and Outputs
• Schmitt Trigger Input Pulse Line
• Standardized, Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”

Description
CD4060BMS consists of an oscillator section and 14 ripple
carry binary counter stages. The oscillator configuration allows
design of either RC or crystal oscillator circuits. A RESET input
is provided which resets the counter to the all O’s state and disables the oscillator. A high level on the RESET line accomplishes the reset function. All counter stages are master slave
flip-flops. The state of the counter is advanced one step in
binary order on the negative transition of øI (and ø0). All inputs
and outputs are fully buffered. Schmitt trigger action on the
input pulse line permits unlimited input pulse rise and fall times.
The CD4060BMS is supplied in these 16 lead outline packages:
Braze Seal DIP H4W
Frit Seal DIP H1F
Ceramic Flatpack H6W




Similar Part No. - CD4060BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4060BMS INTERSIL-CD4060BMS Datasheet
91Kb / 9P
CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator
December 1992
More results


Similar Description - CD4060BMS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4060B PHILIPS-HEF4060B Datasheet
110Kb / 7P
14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
System Logic Semiconduc...
SL4060B SLS-SL4060B Datasheet
39Kb / 5P
14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
logo
Intersil Corporation
CD4060BMS INTERSIL-CD4060BMS Datasheet
91Kb / 9P
CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator
December 1992
logo
Micro Electronics
MMC4060 MICRO-ELECTRONICS-MMC4060 Datasheet
164Kb / 4P
14 STAGE RIPPLE CARRY BINARY COUNTER / DIVIDER AND OSCILLATOR
logo
STMicroelectronics
HCF4060B STMICROELECTRONICS-HCF4060B Datasheet
230Kb / 10P
14-STAGE RIPPLE CARRY BINARY COUNTER/DIVIDER AND OSCILLATOR
Aug-2003
logo
Texas Instruments
CD4060BPW TI-CD4060BPW Datasheet
1Mb / 27P
CMOS 14-STAGE Ripple-Carry Binary Counter/Divider and Oscillator
logo
STMicroelectronics
HCF4060 STMICROELECTRONICS-HCF4060_13 Datasheet
625Kb / 15P
14-stage ripple carry binary counter/divider and oscillator
02-May-2013
logo
Unisonic Technologies
UCD4060B UTC-UCD4060B Datasheet
241Kb / 9P
CMOS 14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
logo
NXP Semiconductors
HEF4060BP652 PHILIPS-HEF4060BP652 Datasheet
115Kb / 7P
14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
Nexperia B.V. All right...
HEF4060B NEXPERIA-HEF4060B Datasheet
255Kb / 14P
14-stage ripple-carry binary counter/divider and oscillator
Rev. 10 - 8 November 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com