Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4070BMS Datasheet (PDF) - Renesas Technology Corp

CD4070BMS Datasheet PDF - Renesas Technology Corp
Part # CD4070BMS
Download  CD4070BMS Download
File Size   336.99 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Quad Exclusive OR and Exclusive NOR Gates

CD4070BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4070BMS Datasheet PDF - Renesas Technology Corp

Part # CD4070BMS
Download  CD4070BMS Click to download

File Size   336.99 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Quad Exclusive OR and Exclusive NOR Gates

CD4070BMS Datasheet (HTML) - Renesas Technology Corp


CD4070BMS Product details

Features
• High Voltage Types (20V Rating)
• CD4070BMS - Quad Exclusive OR Gate
• CD4077BMS - Quad Exclusive NOR Gate
• Medium Speed Operation
- tPHL, tPLH = 65ns (Typ.) at VDD = 10V, CL = 50pF
• 5V, 10V and 15V Parametric Ratings
• Standardized, Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1A at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”

Description
CD4070BMS contains four independent Exclusive OR
gates. The CD4077BMS contains four independent Exclusive NOR gates.
The CD4070BMS and CD4077BMS provide the system
designer with a means for direct implementation of the
Exclusive OR and Exclusive NOR functions, respectively.
The CD4070BMS and CD4077BMS are supplied in these 14
lead outline packages:
Braze Seal DIP H4Q
Frit Seal DIP H1B
Ceramic Flatpack *H4F †H3W
*CD4070B Only †CD4077B Only




Similar Part No. - CD4070BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4070BMS INTERSIL-CD4070BMS Datasheet
72Kb / 8P
CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
More results


Similar Description - CD4070BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4070B TI-CD4070B Datasheet
68Kb / 8P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
SN54S135 TI-SN54S135 Datasheet
64Kb / 3P
QUADRUPLE EXCLUSIVE-OR/NOR GATES
logo
Intersil Corporation
CD4070BMS INTERSIL-CD4070BMS Datasheet
72Kb / 8P
CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
LG Semicon Co.,Ltd.
GD74HCT266 LG-GD74HCT266 Datasheet
201Kb / 4P
QUAD 2-INPUT EXCLUSIVE NOR GATES
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Renesas Technology Corp
HD74HC7266P RENESAS-HD74HC7266P Datasheet
83Kb / 7P
Quad. 2-input Exclusive-NOR Gates
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070BM96G4 TI-CD4070BM96G4 Datasheet
1Mb / 30P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
SN54S135 TI1-SN54S135_14 Datasheet
256Kb / 8P
QUADRUPLE EXCLUSIVE- OR/NOR GATES
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com