Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4555BMS Datasheet (PDF) - Renesas Technology Corp

CD4555BMS Datasheet PDF - Renesas Technology Corp
Part # CD4555BMS
Download  CD4555BMS Download
File Size   412.91 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Dual Binary to 1 of 4Decoder/Demultiplexers

CD4555BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4555BMS Datasheet PDF - Renesas Technology Corp

Part # CD4555BMS
Download  CD4555BMS Click to download

File Size   412.91 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Dual Binary to 1 of 4Decoder/Demultiplexers

CD4555BMS Datasheet (HTML) - Renesas Technology Corp


CD4555BMS Product details

Features
• High Voltage Type (20V Rating)
• CD4555BMS: Outputs High on Select
• CD4556BMS: Outputs Low on Select
• Expandable with Multiple Packages
• 100% Tested for Quiescent Current at 20V
• Standardized, Symmetrical Output Characteristics
• Maximum Input Current of 1A at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”

Description
CD4555BMS and CD4556BMS are dual one-of-four decoders/demultiplexers. Each decoder has two select inputs (A
and B), an Enable input (E), and four mutually exclusive outputs. On the CD4555BMS the outputs are high on select; on
the CD4556BMS the outputs are low on select.
When the Enable input is high, the outputs of the
CD4555BMS remain low and the outputs of the
CD4556BMS remain high regardless of the state of the
select inputs A and B. The CD4555BMS and CD4556BMS
are similar to types MC14555 and MC14556, respectively.
The CD4555BMS and CD4556BMS are supplied in these
16-lead outline packages:
Braze Seal DIP *H46 †H4T
Frit Seal DIP H1E
Ceramic Flatpack H6W
*CD4555B Only †CD4556B Only




Similar Part No. - CD4555BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4555BMS INTERSIL-CD4555BMS Datasheet
96Kb / 11P
CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
December 1992
More results


Similar Description - CD4555BMS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14555B MOTOROLA-MC14555B Datasheet
164Kb / 5P
Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B Datasheet
142Kb / 8P
Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4555B STMICROELECTRONICS-HCC4555B Datasheet
316Kb / 14P
DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
Jun-1989
logo
Texas Instruments
CD4555B TI-CD4555B Datasheet
267Kb / 13P
CMOS DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
logo
Hitachi Semiconductor
HD14555B HITACHI-HD14555B Datasheet
63Kb / 4P
Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
Intersil Corporation
CD4555BMS INTERSIL-CD4555BMS Datasheet
96Kb / 11P
CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
December 1992
logo
ON Semiconductor
MC10H172 ONSEMI-MC10H172 Datasheet
143Kb / 5P
Dual Binary to 1???묭ecoder (High)
February, 2006 ??Rev. 7
logo
Texas Instruments
CD4555BPWRG4 TI1-CD4555BPWRG4 Datasheet
1Mb / 19P
CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4555B TI1-CD4555B_15 Datasheet
1Mb / 18P
Cmos Dual Binary to 1 of 4 Decoder/Demultiplexers
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B_14 Datasheet
110Kb / 6P
Dual Binary to 1-of-4 Decoder/Demultiplexer
July, 2014 ??Rev. 11
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com