Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4585BMS Datasheet (PDF) - Renesas Technology Corp

CD4585BMS Datasheet PDF - Renesas Technology Corp
Part # CD4585BMS
Download  CD4585BMS Download
File Size   349.24 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS 4-Bit Magnitude Comparator

CD4585BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4585BMS Datasheet PDF - Renesas Technology Corp

Part # CD4585BMS
Download  CD4585BMS Click to download

File Size   349.24 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS 4-Bit Magnitude Comparator

CD4585BMS Datasheet (HTML) - Renesas Technology Corp


CD4585BMS Product details

Features
• High Voltage Type (20V Rating)
• Expansion to 8, 12, 16 . . .4N Bits by Cascading Units
• Medium Speed Operation
- Compares Two 4-Bit Words in 180ns (Typ.) at 10V
• 100% Tested for Quiescent Current at 20V
• Standardized Symmetrical Output Characteristics
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1A at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”

Description
CD4585BMS is a 4-bit magnitude comparator designed for
use in computer and logic applications that require the comparison of two 4-bit words. This logic circuit determines
whether one 4-bit word (Binary or BCD) is “less than”, “equal
to” or “greater than” a second 4-bit word.
The CD4585BMS has eight comparing inputs (A3, B3,
through A0, B0), three outputs (A < B, = B, A > B) and three
cascading inputs (A < B, A = B, A > B) that permit system
designers to expand the comparator function to 8, 12, 16 . .
.4N bits. When a single CD4585BMS is used, the cascading
inputs are connected as follows: (A < B) = low, (A = B) =
high, (A > B) = high.
Cascading thses units for comparision of more than 4 bits is
accomplished as shown in Figure 9.
The CD4585BMS is supplied in these 16-lead outline packages:
Braze Seal DIP H4T
Frit Seal DIP H1E
Ceramic Flatpack H6W




Similar Part No. - CD4585BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4585BMS INTERSIL-CD4585BMS Datasheet
90Kb / 8P
CMOS 4-Bit Magnitude Comparator
December 1992
More results


Similar Description - CD4585BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4063B TI-CD4063B Datasheet
220Kb / 5P
CMOS 4-BIT MAGNITUDE COMPARATOR
CD4585B TI-CD4585B Datasheet
221Kb / 5P
CMOS 4-BIT MAGNITUDE COMPARATOR
logo
R & E International, In...
4585B RANDE-4585B Datasheet
556Kb / 3P
CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Texas Instruments
CD4063BF3A TI1-CD4063BF3A Datasheet
869Kb / 14P
CMOS 4-Bit Magnitude Comparator
CD4585BE TI-CD4585BE Datasheet
512Kb / 12P
CMOS 4-Bit Magnitude Comparator
CD4585B TI1-CD4585B Datasheet
512Kb / 12P
CMOS 4-BIT MAGNITUDE COMPARATOR
CD4063BE TI-CD4063BE Datasheet
869Kb / 14P
CMOS 4-BIT MAGNITUDE COMPARATOR
CD4063BF TI1-CD4063BF Datasheet
860Kb / 14P
CMOS 4-Bit Magnitude Comparator
CD4585B TI1-CD4585B_17 Datasheet
510Kb / 12P
CMOS 4-Bit Magnitude Comparator
logo
Renesas Technology Corp
CD4063BMS RENESAS-CD4063BMS Datasheet
84Kb / 8P
CMOS 4-Bit Magnitude Comparator
December 1992
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com