Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE1N2R Datasheet (PDF) - Renesas Technology Corp

CE1N2R Datasheet PDF - Renesas Technology Corp
Part # CE1N2R
Download  CE1N2R Download
File Size   260.77 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description on-chip resistor NPN silicon epitaxial transistor For mid-speed switching

CE1N2R Datasheet (PDF)

Go To PDF Page Download Datasheet
CE1N2R Datasheet PDF - Renesas Technology Corp

Part # CE1N2R
Download  CE1N2R Click to download

File Size   260.77 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description on-chip resistor NPN silicon epitaxial transistor For mid-speed switching

CE1N2R Datasheet (HTML) - Renesas Technology Corp


CE1N2R Product details

FEATURES
• On-chip zener diode for surge voltage absorption
• On-chip bias resistor: R1 = 680 Ω, R2 = 10 kΩ
• Low power consumption during driving:
VOL = 0.3 V MAX.@V1 = 5.0 V, IC = 0.5 A
• On-chip dumper diode for reverse cable




Similar Part No. - CE1N2R

ManufacturerPart #DatasheetDescription
logo
NEC
CE1N2R NEC-CE1N2R Datasheet
54Kb / 4P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
CE1N2R RENESAS-CE1N2R_15 Datasheet
261Kb / 6P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
More results


Similar Description - CE1N2R

ManufacturerPart #DatasheetDescription
logo
NEC
CE1F3P NEC-CE1F3P Datasheet
141Kb / 4P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
AA1F4Z NEC-AA1F4Z Datasheet
81Kb / 4P
On-chip resistor NPN silicon epitaxial transistor For mid-speed switching
CE1N2R NEC-CE1N2R Datasheet
54Kb / 4P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
CE2A3Q NEC-CE2A3Q Datasheet
232Kb / 4P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
HD1 RENESAS-HD1_15 Datasheet
521Kb / 8P
ON-CHIP RESISTOR NPN SILICON EPITAXIAL TRANSISTOR FOR MID-SPEED SWITCHING
HD2 RENESAS-HD2_15 Datasheet
325Kb / 8P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
CE1N2R RENESAS-CE1N2R_15 Datasheet
261Kb / 6P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
AA1A3Q RENESAS-AA1A3Q Datasheet
237Kb / 6P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
AA1F4Z RENESAS-AA1F4Z Datasheet
236Kb / 6P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
AA1L3M RENESAS-AA1L3M Datasheet
238Kb / 6P
on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com