Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR2AS-16A Datasheet (PDF) - Renesas Technology Corp

CR2AS-16A Datasheet PDF - Renesas Technology Corp
Part # CR2AS-16A
Download  CR2AS-16A Download
File Size   475.68 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 800V - 2A - Thyristor

CR2AS-16A Datasheet (PDF)

Go To PDF Page Download Datasheet
CR2AS-16A Datasheet PDF - Renesas Technology Corp

Part # CR2AS-16A
Download  CR2AS-16A Click to download

File Size   475.68 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 800V - 2A - Thyristor

CR2AS-16A Datasheet (HTML) - Renesas Technology Corp


CR2AS-16A Product details

Features
• IT (AV) : 2 A
• VDRM : 800 V
• IGT: 100 A
• Planar Passivation Type
• RoHS Compliant




Similar Part No. - CR2AS-16A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR2AS-16A RENESAS-CR2AS-16A_15 Datasheet
136Kb / 7P
800V ??2A -Thyristor Medium Power Use
More results


Similar Description - CR2AS-16A

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT1008 NIEC-PDT1008 Datasheet
257Kb / 5P
THYRISTOR MODULE 100A / 800V
PCH608 NIEC-PCH608 Datasheet
248Kb / 5P
THYRISTOR MODULE 60A/800V
PCH1508 NIEC-PCH1508 Datasheet
256Kb / 5P
THYRISTOR MODULE 150A/800V
PDT2008 NIEC-PDT2008 Datasheet
262Kb / 5P
THYRISTOR MODULE 200A / 800V
PGH508AM NIEC-PGH508AM Datasheet
234Kb / 4P
THYRISTOR MODULE 50A / 800V
PGH758AM NIEC-PGH758AM Datasheet
234Kb / 4P
THYRISTOR MODULE 75A / 800V
PHT2508 NIEC-PHT2508 Datasheet
282Kb / 5P
THYRISTOR MODULE 250A / 800V
PHT4008 NIEC-PHT4008 Datasheet
289Kb / 5P
THYRISTOR MODULE 400A / 800V
logo
Renesas Technology Corp
CR2AS-16A RENESAS-CR2AS-16A_15 Datasheet
136Kb / 7P
800V ??2A -Thyristor Medium Power Use
BCR2PM-14LE RENESAS-BCR2PM-14LE_14 Datasheet
294Kb / 7P
800V ??2A - Triac
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com