Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPU877 Datasheet (PDF) - Renesas Technology Corp

CSPU877 Datasheet PDF - Renesas Technology Corp
Part # CSPU877
Download  CSPU877 Download
File Size   306.33 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER

CSPU877 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSPU877 Datasheet PDF - Renesas Technology Corp

Part # CSPU877
Download  CSPU877 Click to download

File Size   306.33 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER

CSPU877 Datasheet (HTML) - Renesas Technology Corp


CSPU877 Product details

FEATURES:
• 1 to 10 differential clock distribution
• Optimized for clock distribution in DDR2 (Double Data Rate)
SDRAM applications
• Operating frequency: 125MHz to 340MHz
• Very low skew: ≤40ps
• Very low jitter: ≤40ps
• 1.8V AVDD and 1.8V VDDQ
• CMOS control signal input
• Test mode enables buffers while disabling PLL
• Low current power-down mode
• Tolerant of Spread Spectrum input clock
• Available in 52-Ball VFBGA and 40-pin VFQFPN packages

DESCRIPTION:
The CSPU877 is a PLL based clock driver that acts as a zero delay buffer
to distribute one differential clock input pair(CLK, CLK ) to 10 differential
output pairs (Y [0:9], Y [0:9]) and one differential pair of feedback clock output
(FBOUT, FBOUT). External feedback pins (FBIN, FBIN) for synchronization
of the outputs to the input reference is provided. OE, OS, and AVDD control the
power-down and test mode logic. When AVDD is grounded, the PLL is turned
off and bypassed for test mode purposes. When the differential clock inputs
(CLK, CLK) are both at logic low, this device will enter a low power-down mode.
In this mode, the receivers are disabled, the PLL is turned off, and the output
clock drivers are disabled, resulting in a current consumption device of less than
500μA.
The CSPU877 requires no external components and has been optimised
for very low phase error, skew, and jitter, while maintaining frequency and duty
cycle over the operating voltage and temperature range. The CSPU877,
designed for use in both module assemblies and system motherboard based
solutions, provides an optimum high-performance clock source.
The CSPU877 is available in Commercial Temperature Range (0°C to
+70°C). See Ordering Information for details.




Similar Part No. - CSPU877

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CSPU877A RENESAS-CSPU877A Datasheet
298Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPU877D RENESAS-CSPU877D Datasheet
292Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
AUGUST 2004
More results


Similar Description - CSPU877

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSPU877A IDT-IDTCSPU877A Datasheet
139Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857C IDT-IDTCSPT857C Datasheet
143Kb / 15P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPUA877A IDT-IDTCSPUA877A Datasheet
116Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877D IDT-IDTCSPU877D Datasheet
139Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877A IDT-IDTCSPU877A_06 Datasheet
121Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPU877A RENESAS-CSPU877A Datasheet
298Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPU877D RENESAS-CSPU877D Datasheet
292Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
AUGUST 2004
CSPUA877 RENESAS-CSPUA877 Datasheet
292Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPUA877A RENESAS-CSPUA877A Datasheet
318Kb / 15P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com