Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD4USB3U-TTS Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD4USB3U-TTS Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD4USB3U-TTS
Download  PESD4USB3U-TTS Download
File Size   240.05 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection for high-speed interfaces

PESD4USB3U-TTS Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD4USB3U-TTS Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD4USB3U-TTS
Download  PESD4USB3U-TTS Click to download

File Size   240.05 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection for high-speed interfaces

PESD4USB3U-TTS Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD4USB3U-TTS Product details

1. General description
This unidirectional ESD protection device is designed to protect high-speed interfaces such as
SuperSpeed USB 3.2 at 10 Gbps, HDMI, DisplayPort, external Serial Advanced Technology
Attachment (eSATA), Low Voltage Differential Signaling (LVDS), and Gigabit Multimedia Serial Link
(GMSL) Serializer/Deserializer (SerDes) against ElectroStatic Discharge (ESD).
The device is encapsulated in a leadless small DFN2510D-10 (SOT1165D) plastic package with
side-wettable flanks (SWF) which allow automatic optical inspection (AOI). The device provides
ESD protection up to 15 kV exceeding IEC61000-4-2 level 4 and fulfilling ISO10605.

2. Features and benefits
• System-level ESD protection for USB 2.0 and SuperSpeed USB 3.2 at 10 Gbps, HDMI,
DisplayPort, eSATA and LVDS
• Line capacitance of only 0.5 pF for each channel
• Outstanding system protection: extremely deep snap-back combined with dynamic resistance
of 0.4 Ω
• ESD protection level up to ±15 kV (IEC 61000-4-2, level 4; ISO10605)
• Matched 0.5 mm trace spacing and side-wettable flanks (SWF) for AOI
• Design-friendly ‘pass-through’ signal routing
• AEC-Q101 qualified

3. Applications
• Infotainment applications: USB 2.0, SuperSpeed USB 3.2 at 10 Gbps, HDMI 2.0, HDBaseT
• Automotive A/V monitors, display and cameras
• SerDes: GMSL, FPD-Link, LVDS




Similar Part No. - PESD4USB3U-TTS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD4USB3U-TTS NEXPERIA-PESD4USB3U-TTS Datasheet
240Kb / 11P
ESD protection for high-speed interfaces
15 March 2021
PESD4USB3U-TTS NEXPERIA-PESD4USB3U-TTS Datasheet
1Mb / 2P
TrEOS ESD protection for Automotive Infotainment & SerDes
April 2021
PESD4USB3U-TTSAX NEXPERIA-PESD4USB3U-TTSAX Datasheet
240Kb / 11P
ESD protection for high-speed interfaces
15 March 2021
PESD4USB3U-TTSX NEXPERIA-PESD4USB3U-TTSX Datasheet
240Kb / 11P
ESD protection for high-speed interfaces
15 March 2021
PESD4USB3U-TTS NEXPERIA-PESD4USB3U-TTS_V01 Datasheet
240Kb / 11P
ESD protection for high-speed interfaces
15 March 2021
More results


Similar Description - PESD4USB3U-TTS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4242CZ6 NXP-IP4242CZ6 Datasheet
59Kb / 9P
ESD protection for high-speed interfaces
Rev. 01-12 March 2009
IP4282CZ6 NXP-IP4282CZ6 Datasheet
59Kb / 9P
ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
SeCoS Halbleitertechnol...
SBESD9N5C SECOS-SBESD9N5C Datasheet
286Kb / 3P
ESD Protection for high-speed interfaces
KS05UL5 SECOS-KS05UL5_15 Datasheet
313Kb / 3P
ESD Protection for high-speed interfaces
SGESD2201 SECOS-SGESD2201_15 Datasheet
232Kb / 3P
ESD Protection for high-speed interfaces
logo
NXP Semiconductors
IP4282CZ6 PHILIPS-IP4282CZ6_15 Datasheet
59Kb / 9P
ESD protection for high-speed interfaces
Rev. 01-30 March 2009
IP4285CZ9-TBB NXP-IP4285CZ9-TBB_13 Datasheet
501Kb / 12P
ESD protection for high-speed interfaces
Rev. 3-7 April 2014
logo
Nexperia B.V. All right...
PESD4USB3B-TTS NEXPERIA-PESD4USB3B-TTS Datasheet
243Kb / 11P
ESD protection for high-speed interfaces
11 August 2022
PESD4USB3UTBR-Q NEXPERIA-PESD4USB3UTBR-Q Datasheet
219Kb / 11P
ESD protection for high-speed interfaces
11 August 2022
PESD4USB5UTBR-Q NEXPERIA-PESD4USB5UTBR-Q Datasheet
219Kb / 11P
ESD protection for high-speed interfaces
11 August 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com