Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2304NZL Datasheet (PDF) - Renesas Technology Corp

2304NZL Datasheet PDF - Renesas Technology Corp
Part # 2304NZL
Download  2304NZL Download
File Size   533.99 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.8V to 3.3V, High-Performance 1:4 Clock Buffer

2304NZL Datasheet (PDF)

Go To PDF Page Download Datasheet
2304NZL Datasheet PDF - Renesas Technology Corp

Part # 2304NZL
Download  2304NZL Click to download

File Size   533.99 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.8V to 3.3V, High-Performance 1:4 Clock Buffer

2304NZL Datasheet (HTML) - Renesas Technology Corp


2304NZL Product details

Features
• Low input to output propagation delay (1.8ns, 3.3V)
• Low output skew: 40ps max
• Glitch-free Output Enable Function
• 1.8V to 3.3V power supply
• Packaged in small 8-pin 2mm x 2mm DFN package, as well
as standard TSSOP and SOIC packages
• Industrial temperature range (-40°C to +85°C)




Similar Part No. - 2304NZL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
2304NZG-1LF IDT-2304NZG-1LF Datasheet
133Kb / 11P
LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
2304NZG-1LF RENESAS-2304NZG-1LF Datasheet
284Kb / 12P
LOW SKEW PCI/PCI-X BUFFER
110110
logo
Integrated Device Techn...
2304NZG-1LFT IDT-2304NZG-1LFT Datasheet
133Kb / 11P
LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
2304NZG-1LFT RENESAS-2304NZG-1LFT Datasheet
284Kb / 12P
LOW SKEW PCI/PCI-X BUFFER
110110
logo
Integrated Device Techn...
2304NZGI-1LF IDT-2304NZGI-1LF Datasheet
133Kb / 11P
LOW SKEW PCI/PCI-X BUFFER
More results


Similar Description - 2304NZL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V2305 IDT-IDT5V2305 Datasheet
53Kb / 8P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310 IDT-IDT5V2310 Datasheet
57Kb / 8P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310 IDT-IDT5V2310_09 Datasheet
90Kb / 9P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310PGGI IDT-IDT5V2310PGGI Datasheet
98Kb / 9P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
5P8390X IDT-5P8390X Datasheet
373Kb / 18P
High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
5PB11XX IDT-5PB11XX Datasheet
504Kb / 19P
1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB1102PGG IDT-5PB1102PGG Datasheet
479Kb / 21P
1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
IDT5V2305 IDT-IDT5V2305_14 Datasheet
164Kb / 13P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
IDT5V2305 RENESAS-IDT5V2305 Datasheet
319Kb / 14P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
SEPTEMBER 2014 c 2014
IDT5V2310 RENESAS-IDT5V2310 Datasheet
249Kb / 10P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
DECEMBER 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com