Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2308B Datasheet (PDF) - Renesas Technology Corp

2308B Datasheet PDF - Renesas Technology Corp
Part # 2308B
Download  2308B Download
File Size   891.3 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT ZERO DELAY CLOCK MULTIPLIER

2308B Datasheet (PDF)

Go To PDF Page Download Datasheet
2308B Datasheet PDF - Renesas Technology Corp

Part # 2308B
Download  2308B Click to download

File Size   891.3 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT ZERO DELAY CLOCK MULTIPLIER

2308B Datasheet (HTML) - Renesas Technology Corp


2308B Product details

Features
• Phase-Lock Loop Clock Distribution for Applications
ranging from 10MHz to 133MHz operating frequency
• Distributes one clock input to two banks of four outputs
• Separate output enable for each output bank
• External feedback (FBK) pin is used to synchronize the
outputs to the clock input
• Output Skew < 200 ps
• Low jitter < 200 ps cycle-to-cycle
• 1x, 2x, 4x output options (see Available Options for
2308B table)
• No external RC network required
• Operates at 3.3 V VDD
• Available in 16-SOIC and 16-TSSOP packages
• Available in commercial and industrial temperature
ranges




Similar Part No. - 2308B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
2308B-1HDCG8 IDT-2308B-1HDCG8 Datasheet
134Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
More results


Similar Description - 2308B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2308 IDT-IDT2308 Datasheet
144Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Texas Instruments
CDCVF25084 TI-CDCVF25084 Datasheet
169Kb / 12P
3.3-V 1:8 ZERO DELAY (PLL) x4 CLOCK MULTIPLIER
logo
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
Zero Delay Clock Multiplier
logo
Integrated Device Techn...
IDT2308A IDT-IDT2308A Datasheet
81Kb / 10P
3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308_10 Datasheet
171Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308B IDT-IDT2308B Datasheet
295Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308-1HDC8 IDT-IDT2308-1HDC8 Datasheet
171Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
2308B-1HDCG8 IDT-2308B-1HDCG8 Datasheet
134Kb / 13P
3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308 RENESAS-IDT2308 Datasheet
309Kb / 14P
3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
IDT2308A RENESAS-IDT2308A Datasheet
237Kb / 11P
3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com