Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74CBTLV16212 Datasheet (PDF) - Renesas Technology Corp

74CBTLV16212 Datasheet PDF - Renesas Technology Corp
Part # 74CBTLV16212
Download  74CBTLV16212 Download
File Size   281.61 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH

74CBTLV16212 Datasheet (PDF)

Go To PDF Page Download Datasheet
74CBTLV16212 Datasheet PDF - Renesas Technology Corp

Part # 74CBTLV16212
Download  74CBTLV16212 Click to download

File Size   281.61 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH

74CBTLV16212 Datasheet (HTML) - Renesas Technology Corp


74CBTLV16212 Product details

APPLICATIONS:
• 3.3V High Speed Bus Switching and Bus Isolation
FEATURES:
• 5Ω A/B bi-directional switch
• Isolation Under Power-Off Conditions
• Over-voltage tolerant
• Latch-up performance exceeds 100mA
• VCC = 2.3V - 3.6V, normal range
• ESD >2000V per MIL-STD-883, Method 3015; >200V using
machine model (C = 200pF, R = 0)
• Available in TSSOP package




Similar Part No. - 74CBTLV16212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBTLV16212DLG4 TI-74CBTLV16212DLG4 Datasheet
186Kb / 11P
LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
74CBTLV16212DLG4 TI1-74CBTLV16212DLG4 Datasheet
350Kb / 13P
LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
74CBTLV16212DLRG4 TI-74CBTLV16212DLRG4 Datasheet
186Kb / 11P
LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
74CBTLV16212DLRG4 TI1-74CBTLV16212DLRG4 Datasheet
350Kb / 13P
LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
74CBTLV16212GRE4 TI-74CBTLV16212GRE4 Datasheet
186Kb / 11P
LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
More results


Similar Description - 74CBTLV16212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV16212 TI-SN74CBTLV16212 Datasheet
105Kb / 8P
LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
logo
Fairchild Semiconductor
FST16212 FAIRCHILD-FST16212 Datasheet
155Kb / 5P
24-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
24-BIT BUS EXCHANGE SWITCH
IDT74FST163213 IDT-IDT74FST163213 Datasheet
82Kb / 6P
24-BIT BUS EXCHANGE SWITCH
logo
Pericom Semiconductor C...
PI5C16212 PERICOM-PI5C16212 Datasheet
135Kb / 5P
24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74CBTLV16212 IDT-IDT74CBTLV16212 Datasheet
76Kb / 5P
LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Texas Instruments
SN74CBTLV16212 TI-SN74CBTLV16212_06 Datasheet
186Kb / 11P
LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16212DGGR TI1-SN74CBTLV16212DGGR Datasheet
350Kb / 13P
LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16212 IDT-IDT74CBTLV16212_14 Datasheet
105Kb / 5P
LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com