Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74CBTLV16245 Datasheet (PDF) - Renesas Technology Corp

74CBTLV16245 Datasheet PDF - Renesas Technology Corp
Part # 74CBTLV16245
Download  74CBTLV16245 Download
File Size   260.31 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE 16-BIT BUS SWITCH

74CBTLV16245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74CBTLV16245 Datasheet PDF - Renesas Technology Corp

Part # 74CBTLV16245
Download  74CBTLV16245 Click to download

File Size   260.31 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE 16-BIT BUS SWITCH

74CBTLV16245 Datasheet (HTML) - Renesas Technology Corp


74CBTLV16245 Product details

APPLICATIONS:
• 3.3V High Speed Bus Switching and Bus Isolation
FEATURES:
• 5Ω A/B bi-directional switch
• Isolation Under Power-Off Conditions
• Over-voltage tolerant
• Latch-up performance exceeds 100mA
• VCC = 2.3V - 3.6V, normal range
• ESD >2000V per MIL-STD-883, Method 3015; >200V using
machine model (C = 200pF, R = 0)
• Available in TSSOP package




Similar Part No. - 74CBTLV16245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74CBTLV16245PAG IDT-74CBTLV16245PAG Datasheet
98Kb / 5P
LOW-VOLTAGE 16-BIT BUS SWITCH
74CBTLV16245PAG8 IDT-74CBTLV16245PAG8 Datasheet
98Kb / 5P
LOW-VOLTAGE 16-BIT BUS SWITCH
More results


Similar Description - 74CBTLV16245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245 Datasheet
182Kb / 4P
16-Bit Bus Switch
FST32X245 FAIRCHILD-FST32X245 Datasheet
251Kb / 4P
16-Bit Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV16245 IDT-IDT74CBTLV16245 Datasheet
56Kb / 5P
LOW-VOLTAGE 16-BIT BUS SWITCH
IDT74FST163244 IDT-IDT74FST163244 Datasheet
85Kb / 6P
16-BIT BUS SWITCH
IDT74FST163245 IDT-IDT74FST163245 Datasheet
85Kb / 6P
16-BIT BUS SWITCH
logo
Pericom Semiconductor C...
PI3VT32X245 PERICOM-PI3VT32X245 Datasheet
327Kb / 4P
16-Bit, 2-Port, Low Voltage Translator Bus Switch
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245_05 Datasheet
158Kb / 4P
16-Bit Bus Switch
logo
Pericom Semiconductor C...
PI3VT32X245-A PERICOM-PI3VT32X245-A Datasheet
708Kb / 5P
16-Bit, 2-Port, Low Voltage Translator Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV3384 IDT-IDT74CBTLV3384_14 Datasheet
97Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV16245 IDT-IDT74CBTLV16245_14 Datasheet
98Kb / 5P
LOW-VOLTAGE 16-BIT BUS SWITCH
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com