Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74CBTLV16292 Datasheet (PDF) - Renesas Technology Corp

74CBTLV16292 Datasheet PDF - Renesas Technology Corp
Part # 74CBTLV16292
Download  74CBTLV16292 Download
File Size   268.49 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE 12-BIT 1:2 MUX / DEMUX BUS SWITCH WITH INTERNAL PULL DOWN RESISTORS

74CBTLV16292 Datasheet (PDF)

Go To PDF Page Download Datasheet
74CBTLV16292 Datasheet PDF - Renesas Technology Corp

Part # 74CBTLV16292
Download  74CBTLV16292 Click to download

File Size   268.49 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE 12-BIT 1:2 MUX / DEMUX BUS SWITCH WITH INTERNAL PULL DOWN RESISTORS

74CBTLV16292 Datasheet (HTML) - Renesas Technology Corp


74CBTLV16292 Product details

APPLICATIONS:
• 3.3V High Speed Bus Switching and Bus Isolation
• Resource sharing
FEATURES:
• 5Ω A/B bi-directional switch
• Isolation Under Power-Off Conditions
• Make-before-break feature
• Over-voltage tolerant
• Internal 500Ω pull-down resistor to GND
• Latch-up performance exceeds 100mA
• VCC = 2.3V - 3.6V, normal range
• ESD >2000V per MIL-STD-883, Method 3015; >200V using
machine model (C = 200pF, R = 0)
• Available in TSSOP package




Similar Part No. - 74CBTLV16292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBTLV16292DLG4 TI1-74CBTLV16292DLG4 Datasheet
516Kb / 13P
LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
74CBTLV16292DLRG4 TI1-74CBTLV16292DLRG4 Datasheet
516Kb / 13P
LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
74CBTLV16292GRE4 TI1-74CBTLV16292GRE4 Datasheet
516Kb / 13P
LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
74CBTLV16292GRG4 TI1-74CBTLV16292GRG4 Datasheet
516Kb / 13P
LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
74CBTLV16292VRE4 TI1-74CBTLV16292VRE4 Datasheet
516Kb / 13P
LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results


Similar Description - 74CBTLV16292

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
logo
Integrated Device Techn...
IDT74CBTLVR16292 IDT-IDT74CBTLVR16292 Datasheet
69Kb / 5P
LOW-VOLTAGE 12-BIT 1:2 MUX / DEMUX BUS SWITCH WITH INTERNAL PULL DOWN RESISTORS
IDT74CBTLV16292 IDT-IDT74CBTLV16292 Datasheet
68Kb / 5P
LOW-VOLTAGE 12-BIT 1:2 MUX / DEMUX BUS SWITCH WITH INTERNAL PULL DOWN RESISTORS
IDT74CBTLV16214 IDT-IDT74CBTLV16214 Datasheet
74Kb / 5P
LOW-VOLTAGE 12-BIT 3:1 MUX / DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
12-Channel, 2:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
SOTiny 2:1 Mux/DeMux Bus Switch
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com