Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8304-01 Datasheet (PDF) - Renesas Technology Corp

8304-01 Datasheet PDF - Renesas Technology Corp
Part # 8304-01
Download  8304-01 Download
File Size   319.65 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-TO-4 LVCMOS / LVTTL Inverting Fanout Buffer

8304-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
8304-01 Datasheet PDF - Renesas Technology Corp

Part # 8304-01
Download  8304-01 Click to download

File Size   319.65 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-TO-4 LVCMOS / LVTTL Inverting Fanout Buffer

8304-01 Datasheet (HTML) - Renesas Technology Corp


8304-01 Product details

FEATURES
• 4 LVCMOS / LVTTL outputs
• LVCMOS/LVTTL clock input
• Maximum output frequency: 166MHz
• Output skew: 50ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Small 8 lead SOIC package saves board space
• 3.3V input, outputs may be either 3.3V or 2.5V supply
modes
• 0°C to 70°C ambient operating temperature
• Lead-Free package fully RoHS compliant
• For functional replacement part use 8304AMLF




Similar Part No. - 8304-01

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8304-060100 BELDEN-8304-060100 Datasheet
201Kb / 2P
RS-232, Low Cap, #22-4pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8304-0601000 BELDEN-8304-0601000 Datasheet
201Kb / 2P
RS-232, Low Cap, #22-4pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8304-060500 BELDEN-8304-060500 Datasheet
201Kb / 2P
RS-232, Low Cap, #22-4pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8304-0605000 BELDEN-8304-0605000 Datasheet
201Kb / 2P
RS-232, Low Cap, #22-4pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
More results


Similar Description - 8304-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8304 ICST-ICS8304 Datasheet
151Kb / 9P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
REV. F SEPTEMBER 13, 2004
ICS8304-01 ICST-ICS8304-01 Datasheet
136Kb / 9P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL INVERTING FANOUT BUFFER
REV. D MAY 23, 2005
ICS8304I ICST-ICS8304I Datasheet
80Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
REV. B APRIL 4, 2002
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204B PERICOM-PI6C49X0204B Datasheet
1Mb / 9P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8304I RENESAS-8304I Datasheet
388Kb / 12P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
December 10, 2015
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
IDT6T30028 RENESAS-IDT6T30028 Datasheet
531Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL FANOUT BUFFER
041813
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com