Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

840S07I Datasheet (PDF) - Renesas Technology Corp

840S07I Datasheet PDF - Renesas Technology Corp
Part # 840S07I
Download  840S07I Download
File Size   515.28 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-LVCMOS/LVTTL Frequency Synthesizer

840S07I Datasheet (PDF)

Go To PDF Page Download Datasheet
840S07I Datasheet PDF - Renesas Technology Corp

Part # 840S07I
Download  840S07I Click to download

File Size   515.28 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-LVCMOS/LVTTL Frequency Synthesizer

840S07I Datasheet (HTML) - Renesas Technology Corp


840S07I Product details

Features
• Five single-ended LVCMOS/LVTTL outputs
• Two REF_OUT LVCMOS/LVTTL clock outputs
• Selectable crystal oscillator interface, 25MHz, 18pF parallel
resonant crystal or LVCMOS/LVTTL single-ended reference input
• Supports the following output frequencies:
Output QAA/Bank B: 33.33MHz, 50MHz, 66.67MHz, 83.33MHz,
100MHz, 125MHz, 133.33MHz and 166.67MHz
Output QAB: 125MHz
• VCO frequency: 2GHz
• Slew rate control
• Voltage supply modes:
Core/Output
3.3V/3.3V
3.3V/2.5V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 840S07I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840S07I IDT-840S07I Datasheet
323Kb / 20P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
More results


Similar Description - 840S07I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004I ICST-ICS840004I Datasheet
168Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JUNE 28, 2005
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A APRIL 7, 2005
logo
Integrated Device Techn...
840S05I IDT-840S05I Datasheet
357Kb / 21P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840S07I IDT-840S07I Datasheet
323Kb / 20P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840024I IDT-840024I Datasheet
344Kb / 17P
FemtoClock Crystal/LVCMOS-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840S05I RENESAS-840S05I Datasheet
549Kb / 22P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
April 11, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com