Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8413S12B Datasheet (PDF) - Renesas Technology Corp

8413S12B Datasheet PDF - Renesas Technology Corp
Part # 8413S12B
Download  8413S12B Download
File Size   1049.65 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HCSL/ LVCMOS Clock Generator

8413S12B Datasheet (PDF)

Go To PDF Page Download Datasheet
8413S12B Datasheet PDF - Renesas Technology Corp

Part # 8413S12B
Download  8413S12B Click to download

File Size   1049.65 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HCSL/ LVCMOS Clock Generator

8413S12B Datasheet (HTML) - Renesas Technology Corp


8413S12B Product details

Features
• Ten selectable 100MHz, 125MHz, 156.25MHz and 312.5MHz
clocks for PCI Express, sRIO and GbE, HCSL interface levels
• One single-ended QG LVCMOS/LVTTL clock output at 125MHz
• One single-ended QF LVCMOS/LVTTL clock output at 50MHz,
15 output impedance
• Two single-ended QREFx LVCMOS/LVTTL outputs at 25MHz,
15 output impedance
• Selectable external crystal or differential (single-ended) input
source
• Crystal oscillator interface designed for 25MHz, parallel resonant
crystal
• Differential CLK, nCLK input pair that can accept: LVPECL, LVDS,
LVHSTL, HCSL input levels
• Internal resistor bias on nCLK pin allows the user to drive CLK
input with external single-ended (LVCMOS/ LVTTL) input levels
• Supply Modes, (125MHz QG output and 25MHz QREFx outputs):
Core / Output
3.3V / 3.3V
3.3V / 2.5V
• Supply Modes, (HCSL outputs, and 50MHz QF output):
Core / Output
3.3V / 3.3V
• -40°C to 85°C ambient operating temperature
• Available in Lead-free (RoHS 6) package




Similar Part No. - 8413S12B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8413S12B IDT-8413S12B Datasheet
845Kb / 33P
HCSL/ LVCMOS Clock Generator
logo
Renesas Technology Corp
8413S12B RENESAS-8413S12B Datasheet
1,017Kb / 34P
HCSL/ LVCMOS Clock Generator
Revision E, August 18, 2016
logo
Integrated Device Techn...
8413S12BI IDT-8413S12BI Datasheet
591Kb / 33P
HCSL/ LVCMOS Clock Generator
8413S12BI-126 IDT-8413S12BI-126 Datasheet
754Kb / 29P
HCSL/ LVCMOS Clock Generator
logo
Renesas Technology Corp
8413S12BI-126 RENESAS-8413S12BI-126 Datasheet
952Kb / 30P
HCSL/ LVCMOS Clock Generator
January 7, 2016
More results


Similar Description - 8413S12B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4100H MAXIM-DS4100H Datasheet
128Kb / 6P
100MHz HCSL Clock Generator
Rev 0; 11/07
logo
ON Semiconductor
NB3N3002 ONSEMI-NB3N3002_13 Datasheet
126Kb / 8P
HCSL Clock Generator
October, 2013 ??Rev. 6
logo
Integrated Device Techn...
8413S12B IDT-8413S12B Datasheet
845Kb / 33P
HCSL/ LVCMOS Clock Generator
logo
ON Semiconductor
NB3N3002 ONSEMI-NB3N3002_17 Datasheet
87Kb / 8P
HCSL Clock Generator
May, 2017 ??Rev. 7
logo
Integrated Device Techn...
8413S12BI IDT-8413S12BI Datasheet
591Kb / 33P
HCSL/ LVCMOS Clock Generator
8413S12BI-126 IDT-8413S12BI-126 Datasheet
754Kb / 29P
HCSL/ LVCMOS Clock Generator
logo
Renesas Technology Corp
870931I-01 RENESAS-870931I-01 Datasheet
408Kb / 14P
LVCMOS Clock Generator
April 25, 2016
8413S12BI-126 RENESAS-8413S12BI-126 Datasheet
952Kb / 30P
HCSL/ LVCMOS Clock Generator
January 7, 2016
ICS870919I RENESAS-ICS870919I Datasheet
428Kb / 18P
LVCMOS Clock Generator
2019
870919I-01 RENESAS-870919I-01 Datasheet
378Kb / 16P
LVCMOS Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com