Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843S06 Datasheet (PDF) - Renesas Technology Corp

843S06 Datasheet PDF - Renesas Technology Corp
Part # 843S06
Download  843S06 Download
File Size   509.19 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage, Low Skew, 1.244GHz PLL Clock Synthesizer

843S06 Datasheet (PDF)

Go To PDF Page Download Datasheet
843S06 Datasheet PDF - Renesas Technology Corp

Part # 843S06
Download  843S06 Click to download

File Size   509.19 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage, Low Skew, 1.244GHz PLL Clock Synthesizer

843S06 Datasheet (HTML) - Renesas Technology Corp


843S06 Product details

FEATURES
• Six differential 3.3V LVPECL outputs
1,244.16/622.08MHz; 1,244.16/622.08MHz
622.08/311.04MHz; 311.04/155.52MHz
155.52/77.76MHz; 77.76/38.88MHz
• Three selectable differential reference clock inputs
Clock frequency range: 19MHz to 622MHz
• REF_CLKx, nREF_CLKx pairs can accept the following differential
input level: LVPECL
• Intrinsic jitter: 0.017mUI
RMS
@ 622MHz
• Output skew: 200ps (maximum)
• Optional external VCXO possible
• Simple external loop fi lter
• Lock detect output signal
• Full 3.3V operating supply
• Low power operation 0.6W (typical)
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - 843S06

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843S06 IDT-843S06 Datasheet
335Kb / 23P
Low Voltage, Low Skew, 1.244GHz PLL Clock Synthesizer
843S06FYLF IDT-843S06FYLF Datasheet
335Kb / 23P
Low Voltage, Low Skew, 1.244GHz PLL Clock Synthesizer
843S06FYLFT IDT-843S06FYLFT Datasheet
335Kb / 23P
Low Voltage, Low Skew, 1.244GHz PLL Clock Synthesizer
More results


Similar Description - 843S06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
Low Skew CMOS PLL Clock Driver
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
LOW SKEW CMOS PLL CLOCK DRIVER
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
LOW SKEW CMOS PLL CLOCK DRIVER
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
LOW SKEW CMOS PLL 68060 CLOCK DRIVER
logo
Integrated Device Techn...
IDT59910A IDT-IDT59910A Datasheet
52Kb / 6P
LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
3.3V LOW SKEW PLL CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Integrated Device Techn...
MC88LV926 IDT-MC88LV926 Datasheet
283Kb / 11P
Low Skew CMOS PLL 68060 Clock Driver
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
Low Skew CMOS PLL Clock Driver
logo
Integrated Device Techn...
843S06 IDT-843S06 Datasheet
335Kb / 23P
Low Voltage, Low Skew, 1.244GHz PLL Clock Synthesizer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com