Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843S1066DGLF Datasheet (PDF) - Renesas Technology Corp

843S1066DGLF Datasheet PDF - Renesas Technology Corp
Part # 843S1066DGLF
Download  843S1066DGLF Download
File Size   514.71 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-3.3V LVPECL Frequency Synthesizer

843S1066DGLF Datasheet (PDF)

Go To PDF Page Download Datasheet
843S1066DGLF Datasheet PDF - Renesas Technology Corp

Part # 843S1066DGLF
Download  843S1066DGLF Click to download

File Size   514.71 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-3.3V LVPECL Frequency Synthesizer

843S1066DGLF Datasheet (HTML) - Renesas Technology Corp


843S1066DGLF Product details

Features
• One differential LVPECL output
• Crystal oscillator interface designed for 18pF, 20MHz parallel
resonant crystal
• Cycle-to-Cycle Jitter: 12ps (maximum)
• Period Jitter, RMS: 2.8ps (maximum)
• Output Duty Cycle: 48 – 52%
• Full 3.3V supply mode
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For functional replacement part use 8V97051




Similar Part No. - 843S1066DGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843S1066DGLF IDT-843S1066DGLF Datasheet
321Kb / 15P
Crystal-to-3.3V LVPECL Frequency Synthesizer
843S1066DGLFT IDT-843S1066DGLFT Datasheet
321Kb / 15P
Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Similar Description - 843S1066DGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 27, 2004
ICS843004-02 ICST-ICS843004-02 Datasheet
183Kb / 12P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 20, 2005
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 9, 2005
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843S1066D IDT-843S1066D Datasheet
321Kb / 15P
Crystal-to-3.3V LVPECL Frequency Synthesizer
843003I-01 IDT-843003I-01 Datasheet
233Kb / 17P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
843004-125 IDT-843004-125 Datasheet
264Kb / 15P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
843252 IDT-843252 Datasheet
382Kb / 17P
FemtoClock Crystal-to- 3.3V LVPECL Frequency Synthesizer
843256I IDT-843256I Datasheet
272Kb / 17P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
8433625 IDT-8433625 Datasheet
412Kb / 19P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com