Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

853S01 Datasheet (PDF) - Renesas Technology Corp

853S01 Datasheet PDF - Renesas Technology Corp
Part # 853S01
Download  853S01 Download
File Size   683.3 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:1 Differential-to-LVPECL Multiplexer

853S01 Datasheet (PDF)

Go To PDF Page Download Datasheet
853S01 Datasheet PDF - Renesas Technology Corp

Part # 853S01
Download  853S01 Click to download

File Size   683.3 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:1 Differential-to-LVPECL Multiplexer

853S01 Datasheet (HTML) - Renesas Technology Corp


853S01 Product details

Features
• One LVPECL output pair
• Two selectable differential LVPECL clock inputs
• PCLKx, nPCLKx pairs can accept the following
differential input levels: LVPECL, LVDS, CML
• Translates LVCMOS/LVTTL input signals to LVPECL levels by
using a resistor bias network on nPCLKx, nPCLKx
• Part-to-part skew: 150ps (maximum)
• Propagation delay: 490ps (maximum)
• Full 3.3V or 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) packages




Similar Part No. - 853S01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S01 IDT-853S01 Datasheet
435Kb / 23P
2:1 Differential-to-LVPECL Multiplexer
853S011B IDT-853S011B Datasheet
601Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
logo
Renesas Technology Corp
853S011B RENESAS-853S011B Datasheet
848Kb / 21P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 23, 2016
853S011B RENESAS-853S011B Datasheet
815Kb / 21P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
Revision B, February 23, 2016
logo
Integrated Device Techn...
853S011BGILF IDT-853S011BGILF Datasheet
601Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
More results


Similar Description - 853S01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
REV. B JUNE 8, 2004
logo
Maxim Integrated Produc...
MAX9380 MAXIM-MAX9380 Datasheet
166Kb / 8P
Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
logo
Integrated Circuit Syst...
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
REV. A JANUARY 16, 2006
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
853S54I-01 IDT-853S54I-01_17 Datasheet
324Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
853S01 IDT-853S01 Datasheet
435Kb / 23P
2:1 Differential-to-LVPECL Multiplexer
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
ICS859S0212I RENESAS-ICS859S0212I Datasheet
1Mb / 24P
2:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com