Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

854S006 Datasheet (PDF) - Renesas Technology Corp

854S006 Datasheet PDF - Renesas Technology Corp
Part # 854S006
Download  854S006 Download
File Size   1095.72 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer

854S006 Datasheet (PDF)

Go To PDF Page Download Datasheet
854S006 Datasheet PDF - Renesas Technology Corp

Part # 854S006
Download  854S006 Click to download

File Size   1095.72 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer

854S006 Datasheet (HTML) - Renesas Technology Corp


854S006 Product details

Features
▪ Six differential LVDS outputs
▪ One differential clock input pair
▪ CLK, nCLK pair can accept the following differential input
levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
▪ Maximum output frequency: 1.7GHz
▪ Translates any single-ended input signal to LVDS levels with
resistor bias on nCLK input
▪ Output Skew: 55ps (maximum)
▪ Propagation delay: 850ps (maximum)
▪ Additive phase jitter, RMS: 0.067ps (typical)
▪ Full 3.3V or 2.5V supply
▪ -40°C to 85°C ambient operating temperature
▪ Available in lead-free (RoHS 6) package




Similar Part No. - 854S006

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
854S006 IDT-854S006 Datasheet
691Kb / 17P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
854S006AGI IDT-854S006AGI Datasheet
205Kb / 15P
Low Skew, 1-to-6, Differential-to - LVDS Fanout Buffer One differential clock input pair
854S006AGI IDT-854S006AGI Datasheet
205Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
854S006AGILF IDT-854S006AGILF Datasheet
205Kb / 15P
Low Skew, 1-to-6, Differential-to - LVDS Fanout Buffer One differential clock input pair
854S006AGILF IDT-854S006AGILF Datasheet
205Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
More results


Similar Description - 854S006

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S006AGILF IDT-ICS854S006AGILF Datasheet
205Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
8S89832I IDT-8S89832I Datasheet
297Kb / 16P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
854S006I IDT-854S006I Datasheet
272Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
854S006 IDT-854S006 Datasheet
691Kb / 17P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
8S89832I RENESAS-8S89832I Datasheet
631Kb / 15P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
September 22, 2017
85411 RENESAS-85411 Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
ICS854104I RENESAS-ICS854104I Datasheet
724Kb / 16P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
JANUARY 30, 2014
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com