Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL456 Datasheet (PDF) - Renesas Technology Corp

932SQL456 Datasheet PDF - Renesas Technology Corp
Part # 932SQL456
Download  932SQL456 Download
File Size   7399.6 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures

932SQL456 Datasheet (PDF)

Go To PDF Page Download Datasheet
932SQL456 Datasheet PDF - Renesas Technology Corp

Part # 932SQL456
Download  932SQL456 Click to download

File Size   7399.6 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures

932SQL456 Datasheet (HTML) - Renesas Technology Corp


932SQL456 Product details

Features/Benefits
• Integrated 85-ohm differential terminations; saves 48
resistors compared to CK420BQ
• LP-HCSL outputs; up to 50% power savings compared to
standard CK420BQ
• 64-pin TSSOP and VFQFPN packages; smallest board
footprint
• Available in -40° to +85°C industrial temperature range
version; supports demanding operating environments
Output Features
• Differential outputs are LP-HCSL with integrated 85
terminations
• 11 – non-spreading interchangeable 100MHz differential
outputs
• 4 – “CPU” outputs
• 2 – “NS_SAS” outputs
• 2 – “NS_SRC” outputs
• 3 – “SRC” outputs
• 1 – DOT96 96MHz output
• 1 – 3.3V 48M output
• 5 – 3.3V PCI outputs
• 1 – 3.3V 14.318M output




Similar Part No. - 932SQL456

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
932SQL456 IDT-932SQL456 Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
932SQL456AGILF IDT-932SQL456AGILF Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
932SQL456AGILF IDT-932SQL456AGILF Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe
932SQL456AGILFT IDT-932SQL456AGILFT Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
932SQL456AGILFT IDT-932SQL456AGILFT Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe
More results


Similar Description - 932SQL456

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
932SQ426 IDT-932SQ426_16 Datasheet
375Kb / 25P
DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
932SQL456 IDT-932SQL456 Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
932QL456 IDT-932QL456 Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe
9SQL4952 IDT-9SQL4952 Datasheet
312Kb / 20P
2-output CK420BQ Derivative
9SQL4954 IDT-9SQL4954 Datasheet
320Kb / 20P
4-output CK420BQ Derivative
9SQL4958 IDT-9SQL4958 Datasheet
318Kb / 20P
8-output CK420BQ Derivative
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
2:12 DB1200ZL Derivative for PCIe Gen1-4
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQL450 RENESAS-932SQL450 Datasheet
7Mb / 24P
Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com