Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U585XX Datasheet (PDF) - STMicroelectronics

STM32U585XX Datasheet PDF - STMicroelectronics
Part # STM32U585XX
Download  STM32U585XX Download
File Size   7142.4 Kbytes
Page   340 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto

STM32U585XX Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32U585XX Datasheet PDF - STMicroelectronics

Part # STM32U585XX
Download  STM32U585XX Click to download

File Size   7142.4 Kbytes
Page   340 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto

STM32U585XX Datasheet (HTML) - STMicroelectronics


STM32U585XX Product details

Features
Includes ST state-of-the-art patented
technology
Ultra-low-power with FlexPowerControl
• 1.71 V to 3.6 V power supply
• –40 °C to +85/125 °C temperature range
• Low-power background autonomous mode
(LPBAM): autonomous peripherals with DMA,
functional down to Stop 2 mode
• VBAT mode: supply for RTC, 32 x 32-bit backup
registers and 2-Kbyte backup SRAM
• 160 nA Shutdown mode (24 wake-up pins)
• 210 nA Standby mode (24 wake-up pins)
• 530 nA Standby mode with RTC
• 1.9 μA Stop 3 mode with 16-Kbyte SRAM
• 4.3 μA Stop 3 mode with full SRAM
• 4.0 μA Stop 2 mode with 16-Kbyte SRAM
• 8.95 μA Stop 2 mode with full SRAM
• 19.5 μA/MHz Run mode @ 3.3 V
Core
• Arm® 32-bit Cortex®-M33 CPU with
TrustZone®, MPU, DSP, and FPU
ART Accelerator
• 8-Kbyte instruction cache allowing 0-wait-state
execution from flash and external memories:
up to 160 MHz, 240 DMIPS
• 4-Kbyte data cache for external memories
Power management
• Embedded regulator (LDO) and SMPS
step-down converter supporting switch
on-the-fly and voltage scaling
Benchmarks
• 1.5 DMIPS/MHz (Drystone 2.1)
• 651 CoreMark® (4.07 CoreMark®/MHz)
• 450 ULPMark™-CP
• 109 ULPMark™-PP
• 51.5 ULPMark™-CM
• 133000 SecureMark™-TLS
Memories
• 2-Mbyte flash memory with ECC, 2 banks
read-while-write, including 512 Kbytes with
100 kcycles
• 786-Kbyte SRAM with ECC OFF or 722-Kbyte
SRAM including up to 322-Kbyte SRAM with
ECC ON
• External memory interface supporting SRAM,
PSRAM, NOR, NAND, and FRAM memories
• 2 Octo-SPI memory interfaces
Security and cryptography
• PSA level 3 and SESIP level 3 certified
• Arm® TrustZone® and securable I/Os,
memories, and peripherals
• Flexible life cycle scheme with RDP and
password protected debug
• Root of trust thanks to unique boot entry and
secure hide protection area (HDP)
• Secure firmware installation (SFI) thanks to
embedded root secure services (RSS)
• Secure data storage with hardware unique key
(HUK)
• Secure firmware upgrade support with TF-M
• 2 AES coprocessors including one with
DPA resistance
• Public key accelerator, DPA resistant
• On-the-fly decryption of Octo-SPI external
memories
• HASH hardware accelerator
• True random number generator, NIST
SP800-90B compliant
• 96-bit unique ID
• 512-byte OTP (one-time programmable)
• Active tampers
Clock management
• 4 to 50 MHz crystal oscillator
• 32 kHz crystal oscillator for RTC (LSE)
• Internal 16 MHz factory-trimmed RC (±1%)
• Internal low-power 32 kHz RC (±5%)
• 2 internal multispeed 100 kHz to 48 MHz
oscillators, including one autotrimmed by LSE
(better than ±0.25% accuracy)
• Internal 48 MHz with clock recovery
• 3 PLLs for system clock, USB, audio, ADC
General-purpose input/outputs
• Up to 136 fast I/Os with interrupt capability
most 5V-tolerant and up to 14 I/Os with
independent supply down to 1.08 V
Up to 17 timers and 2 watchdogs
• 2 16-bit advanced motor-control, 4 32-bit,
5 16-bit, 4 low-power 16-bit (available in Stop
mode), 2 SysTick timers and 2 watchdogs
• RTC with hardware calendar and calibration
Up to 22 communication peripherals
• 1 USB Type-C®/USB power delivery controller
• 1 USB OTG 2.0 full-speed controller
• 2 SAIs (serial audio interface)
• 4 I2C FM+(1 Mbit/s), SMBus/PMBus®
• 6 USARTs (ISO 7816, LIN, IrDA, modem)
• 3 SPIs (5x SPIs with the dual OCTOSPI)
• 1 CAN FD controller
• 2 SDMMC interfaces
• 1 multifunction digital filter (6 filters)+ 1 audio
digital filter with sound-activity detection
• Parallel synchronous slave interface
16- and 4-channel DMA controllers,
functional in Stop mode
Graphic features
• Chrom-ART Accelerator (DMA2D) for
enhanced graphic content creation
• 1 digital camera interface
Mathematical coprocessor
• CORDIC for trigonometric functions
acceleration
• Filter mathematical accelerator (FMAC)
Up to 22 capacitive sensing channels
• Support touch key, linear, and rotary touch
sensors
Rich analog peripherals (independent
supply)
• 14-bit ADC 2.5-Msps with hardware
oversampling
• 12-bit ADC 2.5-Msps, with hardware
oversampling, autonomous in Stop 2 mode
• 2 12-bit DAC, low-power sample and hold
• 2 operational amplifiers with built-in PGA
• 2 ultralow-power comparators
CRC calculation unit
Debug
• Development support: serial-wire debug
(SWD), JTAG, Embedded Trace Macrocell™
(ETM)
ECOPACK2 compliant packages




Similar Part No. - STM32U585XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
1Mb / 30P
Getting started with STM32CubeU5 for STM32U5 series
12-Jan-2024
More results


Similar Description - STM32U585XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32G483XE STMICROELECTRONICS-STM32G483XE Datasheet
2Mb / 230P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
15-Nov-2021
STM32L062K8 STMICROELECTRONICS-STM32L062K8_V01 Datasheet
1Mb / 124P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
19-Aug-2020
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
logo
NXP Semiconductors
LPC82X NXP-LPC82X_V01 Datasheet
2Mb / 85P
32-bit ARM® Cortex®-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1.5 - 7 February 2023
LPC55S3X NXP-LPC55S3X Datasheet
3Mb / 164P
32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
Rev. 3.2 - 22 September 2023
logo
STMicroelectronics
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com