Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC2-HP Datasheet (PDF) - STMicroelectronics

STWBC2-HP Datasheet PDF - STMicroelectronics
Part # STWBC2-HP
Download  STWBC2-HP Download
File Size   5488.68 Kbytes
Page   96 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Digital controller for wireless battery charger transmitters

STWBC2-HP Datasheet (PDF)

Go To PDF Page Download Datasheet
STWBC2-HP Datasheet PDF - STMicroelectronics

Part # STWBC2-HP
Download  STWBC2-HP Click to download

File Size   5488.68 Kbytes
Page   96 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Digital controller for wireless battery charger transmitters

STWBC2-HP Datasheet (HTML) - STMicroelectronics


STWBC2-HP Product details

Features
• Digital controller for Qi certified wireless power transmitters
– Compliant with WPC 1.3
– Power Class 0 BPP (5 W) and EPP (15 W)
– Power Tx design topologies MP-A2 and MP-A22
– Proprietary ST Super Charge extension for high power charging
• SiP with uC and front end device:
– ARM 32-bit Cortex™-M0+ CPU, frequency up to 64 MHz
– 3x half-bridge drivers
– Embedded 3.6 V / 5 V DC-DC
– 3.3 V and 1.8 V LDOs
– 6 V to 9 V voltage doubler
– Qi FSK programmable modulator
– Integrated current, voltage and phase demodulators
– Integrated current and voltage sensors.
• Support for half- and full-bridge topologies with input DC-DC
– Single and multi-coil topologies
– Support for limited power sources such as 5 V 500 mA USB
• VIN operative range: 4.1 V to 24 V
• USB physical interfaces
– USB power delivery
• Communication interfaces
– UART
– SPI (up to 28 Mbit/s)
– I2C (up to 1 Mbit/s)
– Up to 8x GPIOs
• Peripherals
– 8-channel 12-bit 0.5 us ADC
– Low side differential current sensor
– Q-Factor driver
• Memory
– 128 Kbytes of Flash memory with ECC
– 32 Kbytes of SRAM with HW parity check
• Development support: serial wire debug (SWD)
• Operating temperature: -40°C up to 125°C.
• Package: VFQFPN68L 8x8 mm pitch 0.4
• 96-bit unique ID

Description
The STWBC2 -HP is a digital controller specifically dedicated to design Qi-certified
Wireless Power TX applications. The STWBC2-HP is a SiP including an STM32™
microcontroller and an application-specific front-end die.
Specifically, the STM32™ microcontroller embedded into the STWBC2-HP is the
STM32G071.
The STWBC2-HP is capable of driving the DC-DC stage and the half- or full-bridge
inverter stage of a generic Qi wireless battery charging TX. It generates and
controls the relevant PWM signals by means of a PWM machine capable of 1.47
ns resolution. In order to achieve that, the front-end die includes a 40 MHz PLL and a
17-step DLL.
The STWBC2-HP front end is capable of working from any DC voltage in the range of
4.1 V to 24 V and embeds:
• 3x half-bridge drivers capable of driving both the FB inverter or the DC-DC
MOSFET
• 2x PWM outputs for external gate drivers
• 2x LED / speaker drivers
• 3.6 V / 5 V monolithic buck DC-DC to supply the analog portion of the die
• 3.3 V LDO to supply the STM32
• 1.8 V LDO to supply the core
• 6 V to 9 V voltage doubler to supply the gate drivers
• Resonant tank current, voltage and phase sense circuitry and Q-factor driver
• USB D+/D- external interface pins for USB PD
The Front End die also includes specific registers and an SPI interface with the
STM32, in combination with an output mux for analog signals to the STM32 ADC,
and GPIOs for digital signals to the STM32 core.
The STM32 microcontroller embeds an ARM Cortex™-M0+ CPU with up to 128 k
Flash memory and up to 32 k of SRAM with parity check, with a clock frequency up
to 64 MHz. It also embeds a 12-bit, 0.5 μs ADC and provides UART, I2C, SPI and
GPIOs
The STM32G071 embedded in STWBC2-HP also provides two 12-bit DACs and
USB-PD controller.




Similar Part No. - STWBC2-HP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWBC2-HP STMICROELECTRONICS-STWBC2-HP Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
STWBC2-HPTX STMICROELECTRONICS-STWBC2-HPTX Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - STWBC2-HP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62254FP MITSUBISHI-M62254FP Datasheet
68Kb / 6P
Standard Battery Charger Controller
logo
Linear Technology
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
Smart Battery Charger Controller
logo
Renesas Technology Corp
M62254FP RENESAS-M62254FP Datasheet
233Kb / 12P
Standard Battery Charger Controller
logo
Linear Technology
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
Smart Battery Charger Controller
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
Battery Charger Controller
logo
ATMEL Corporation
AT73C214 ATMEL-AT73C214 Datasheet
118Kb / 5P
Power Management and Battery Charger for Wireless Devices
logo
Linear Technology
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
Smart Battery Charger Controller
logo
STMicroelectronics
STWBC STMICROELECTRONICS-STWBC Datasheet
1Mb / 36P
Digital controller for wireless battery charger
26-Feb-2015
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
STMicroelectronics
STWBC-EP STMICROELECTRONICS-STWBC-EP Datasheet
715Kb / 32P
Digital controller for wireless battery chargers transmitters for Qi 15 W applications
10-Oct-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com