Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3021A Datasheet (PDF) - STMicroelectronics

TS3021A Datasheet PDF - STMicroelectronics
Part # TS3021A
Download  TS3021A Download
File Size   610.09 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail 1.8 V high-speed comparator

TS3021A Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3021A Datasheet PDF - STMicroelectronics

Part # TS3021A
Download  TS3021A Click to download

File Size   610.09 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail 1.8 V high-speed comparator

TS3021A Datasheet (HTML) - STMicroelectronics


TS3021A Product details

Features
• Propagation delay: 38 ns
• Low current consumption: 73 μA
• Rail-to-rail inputs
• Push-pull outputs
• Supply operation from 1.8 to 5 V
• Wide temperature range: -40 °C to 125 °C
• High ESD tolerance: 5 kV HBM, 300 V MM
• SMD packages
• Automotive qualification

Applications
• Telecom
• Instrumentation
• Signal conditioning
• High-speed sampling systems
• Portable communication systems

Description
The TS3021, TS3021A single comparator features high-speed response time with
rail-to-rail inputs. With a supply voltage specified from 2 to 5 V, this comparator can
operate over a wide temperature range: -40 °C to 125 °C.
The TS3021, TS3021A comparator offers micropower consumption as low as a few
tens of microamperes thus providing an excellent ratio of power consumption current
versus response time.
The TS3021, TS3021A includes push-pull outputs and is available in small packages
(SOT23-5 and SC70-5).




Similar Part No. - TS3021A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3021A STMICROELECTRONICS-TS3021A Datasheet
993Kb / 17P
Rail-to-rail 1.8 V high-speed comparator
25-Aug-2025
TS3021AILT STMICROELECTRONICS-TS3021AILT Datasheet
993Kb / 17P
Rail-to-rail 1.8 V high-speed comparator
25-Aug-2025
More results


Similar Description - TS3021A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
Rail-to-rail 1.8V high-speed comparator
22-Feb-2007
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
Rail-to-rail 1.8V high-speed comparator
17-Oct-2007
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
Rail-to-rail high-speed comparator
03-Oct-2011
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
Rail-to-rail 1.1 V nanopower comparator
18-Jul-2012
logo
Texas Instruments
LMV7275-Q1 TI1-LMV7275-Q1 Datasheet
1Mb / 31P
Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3021H STMICROELECTRONICS-TS3021H Datasheet
1Mb / 19P
Automotive rail-to-rail 1.8 V high-speed comparator
24-Aug-2016
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com