Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMH17 Datasheet (PDF) - Nexperia B.V. All rights reserved

PEMH17 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PEMH17
Download  PEMH17 Download
File Size   186.7 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW

PEMH17 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEMH17 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PEMH17
Download  PEMH17 Click to download

File Size   186.7 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW

PEMH17 Datasheet (HTML) - Nexperia B.V. All rights reserved


PEMH17 Product details

Features
* Built-in bias resistors
* Simplifies circuit design
* Reduces component count
* Reduces pick and place cost




Similar Part No. - PEMH17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH17 NXP-PEMH17 Datasheet
282Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
PEMH17_PUMH17 PHILIPS-PEMH17_PUMH17_15 Datasheet
282Kb / 9P
NPN/NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
More results


Similar Description - PEMH17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PEMB9 PHILIPS-PEMB9 Datasheet
54Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 10 kW, R2 = 47 kW
2003 Oct 03
PDTA124X NXP-PDTA124X Datasheet
90Kb / 12P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08-3 September 2009
PEMB16 NXP-PEMB16 Datasheet
238Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
PEMB17 NXP-PEMB17 Datasheet
71Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03-1 September 2009
PUMD16 NXP-PUMD16_05 Datasheet
69Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = 47 kW
Rev. 02-7 June 2005
PEMB16_PUMB16 PHILIPS-PEMB16_PUMB16_15 Datasheet
238Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
PEMD17_PUMD17 PHILIPS-PEMD17_PUMD17_15 Datasheet
76Kb / 12P
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW
Rev. 03-24 January 2005
logo
Nexperia B.V. All right...
PEMB16 NEXPERIA-PEMB16 Datasheet
339Kb / 10P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03 - 31 August 2009
PDTA124X_SER NEXPERIA-PDTA124X_SER Datasheet
205Kb / 13P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com